Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 64 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 64 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 210 page
background image
ST7637
Ver 1.6
64/210
2009/03
9. INSTRUCTIONS
9.1
Instruction table
Command Table-1 , /EXT= H , L, or floating
Hex Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Ref
(00h) NOP
0
1
0
0
0
0
0
0
0
0
0
No Operation
9.1.1
(01h) SWRESET
0
1
0
0
0
0
0
0
0
0
1
Software reset
9.1.2
(04h) RDDID
0
1
0
0
0
0
0
0
1
0
0
Read Display ID
9.1.3
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
ID17 ID16 ID15 ID14 ID13 ID12 ID11 ID10 ID1 read (D23-D16)
-
1
0
1
1
ID26 ID25 ID24 ID23 ID22 ID21 ID20 ID2 read (D15-D8)
-
1
0
1
ID37 ID36 ID35 ID34 ID33 ID32 ID31 ID30 ID3 read (D7-D0)
(09h) RDDST
0
1
0
0
0
0
0
1
0
0
1
Read Display Status
9.1.4
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
ST31 ST30 ST29 ST28 ST27 ST26 ST25 ST24 (D31-D24)
-
1
0
1
ST23 ST22 ST21 ST20 ST19 ST18 ST17 ST16 (D23-D16)
-
1
0
1
ST15 ST14 ST13 ST12 ST11 ST10 ST9
ST8
(D15-D8)
-
1
0
1
ST7
ST6
ST5
ST4
ST3
ST2
ST1
ST0
(D7-D0)
(0Ah) RDDPM
0
1
0
0
0
0
0
1
0
1
0
Read Display Power Mode
9.1.5
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
D7
D6
D5
D4
D3
D2
0
0
-
(0Bh) RDDMADCTR
0
1
0
0
0
0
0
1
0
1
1
Read Display MADCTR
9.1.6
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
D7
D6
D5
D4
D3
0
0
0
-
(0Ch) RDDCOLMOD
0
1
0
0
0
0
0
1
1
0
0
Read Display Pixel Format
9.1.7
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
0
0
0
0
0
D2
D1
D0
-
(0Dh) RDDIM
0
1
0
0
0
0
0
1
1
0
1
Read Display Image Mode
9.1.8
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
D7
0
D5
D4
D3
0
0
0
-
(0Eh) RDDSM
0
1
0
0
0
0
0
1
1
1
0
Read Display Image Mode
9.1.9
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
D7
D6
0
0
0
0
0
0
-
(0Fh) RDDSDR
0
1
0
0
0
0
0
1
1
1
1
Read Display Self-diagnostic
result
9.1.10
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
1
0
1
1
1
1
D4
0
0
0
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com