Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 210 page
background image
ST7637
Ver 1.6
15/210
2009/03
6.3
System Control
Name
I/O
Description
CLS
I
Reserve for testing only.
Please fix this pin to VDDI.
CL
I/O
Reserve for testing only. Leave this pin open.
CSEL
I
This pin should connect to VDDI.
TCAP
I/O
Test pin. Left it opens.
VREF
O
Reference voltage output for monitor only. Left it opened.
VPP
I
When writing OTP, it needs external power supply voltage 7.5V~7.75V input to write successfully.
6.4
Microprocessor Interface
Name
I/O
Description
/RST
I
Reset input pin
When /RST is “L”, initialization is executed.
IF[3:1]
I
Parallel / Serial data input select input
IF3
IF2
IF1
MPU interface type
H
H
H
80 series 16-bit parallel
H
H
L
80 series 8-bit parallel
H
L
H
68 series 16-bit parallel
H
L
L
68 series 8-bit parallel
L
H
H
8-bit serial (4 line)
L
H
L
9-bit serial (3 line)
Note:
Refer to Table 7.2-1 for detail interface connections.
/CS
I
Chip select input pins
Data / Instruction I/O is enabled only when /CS is "L". When chip select is non-active, D0 to D15
become high impedance.
A0
I
Register select input pin
In parallel interface:
A0 = "H": D0 to D15 or SI are display data
A0 = "L": D0 to D15 or SI are control Command
In 3-line/4-line interface:
This pad will be used for SCL function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com