Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 67 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 67 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 210 page
background image
ST7637
Ver 1.6
67/210
2009/03
Command Table-2 , /EXT= L or command D7h[7] enable
Hex Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Ref
(B0h) DutySet
0
1
0
1
0
1
1
0
0
0
0
Display Duty setting
9.1.39
1
1
0
Du7
Du6
Du5
Du4
Du3
Du2
Du1
Du0
(B1h) FirstCom
0
1
0
1
0
1
1
0
0
0
1
First Com. Page address 9.1.40
1
1
0
--
F6
F5
F4
F3
F2
F1
F0
(B3h) OscDiv
0
1
0
1
0
1
1
0
0
1
1
FOSC divider
9.1.41
1
1
0
-
-
-
-
-
-
CLD1 CLD0
(B5h) NLInvSet
0
1
0
1
0
1
1
0
1
0
1
N-line control
9.1.42
1
1
0
M
N6
N5
N4
N3
N2
N1
N0
(B7h) ComScanDir
0
1
0
1
0
1
1
0
1
1
1
Com/Seg Scan Direction
for Glass layout
9.1.43
1
1
0
0
SMX
0
0
SBGR
0
-
-
(B8h) RmwIn
0
1
0
1
0
1
1
1
0
0
0
read modify write control
IN
9.1.44
(B9h) RmwOut
0
1
0
1
0
1
1
1
0
0
1
read modify write control
Out
9.1.45
(C0h) VopSet
0
1
0
1
1
0
0
0
0
0
0
Vop setting
9.1.46
1
1
0
Vop7 Vop6 Vop5 Vop4 Vop3 Vop2 Vop1 Vop0
1
1
0
-
-
-
-
-
-
-
Vop8
(C1h) VopOfsetInc
0
1
0
1
1
0
0
0
0
0
1
+40mv/setp
9.1.47
(C2h) VopOfsetDec
0
1
0
1
1
0
0
0
0
1
0
-40mv/setp
9.1.48
(C3h) BiasSel
0
1
0
1
1
0
0
0
0
1
1
Bias selection
9.1.49
1
1
0
-
-
-
-
-
Bias2 Bias1 Bias0
(C4h) BstBmpXSel
0
1
0
1
1
0
0
0
1
0
0
Booster setting
9.1.50
1
1
0
-
-
-
-
-
BST2 BST 1 BST0
(C5h) BstEffSel
0
1
0
1
1
0
0
0
1
0
1
Booster efficiency
selection
9.1.51
1
1
0
-
-
-
-
-
-
BTF1 BTF0
(C7h) VopOffset
0
1
0
1
1
0
0
0
1
1
1
9.1.52
1
1
0
VOS7 VOS6 VOS5 VOS4 VOS3 VOS2 VOS1 VOS0
1
1
0
-
-
-
-
-
-
-
VOS8
(CBh) VgSorcSel
0
1
0
1
1
0
0
1
0
1
1
FV3 with Booster x2 control
9.1.53
1
1
0
-
-
-
-
-
-
-
2BT0
(CCh) ID1Set
0
1
0
1
1
0
0
1
1
0
0
ID1 setting
9.1.54
1
1
0
ID1_7 ID1_6 ID1_5 ID1_4 ID1_3 ID1_2 ID1_1 ID1_0
(CDh) ID2Set
0
1
0
1
1
0
0
1
1
0
1
ID2 setting
9.1.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com