Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 63 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 63 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 210 page
background image
ST7637
Ver 1.6
63/210
2009/03
Item
After Power On
After Software Reset
After Hardware Reset
Vop
0D2h
0D2h
0D2h
Vop Offset increase/decrease
disable
disable
disable
Bias
1/9 Bias
1/9 Bias
1/9 Bias
Booster setting
8x
8x
8x
Booster Efficiency
01
01
01
Vg source
From 2VDD2
From 2VDD2
From 2VDD2
EPCTIN
0
0
0
OTP selection
Disable
Disable
Disable
Frame Frequency in Normal Color
(FA/FB/FC/FD)
46Hz/61.5Hz/72Hz/77Hz
46Hz/61.5Hz/72Hz/77Hz
46Hz/61.5Hz/72Hz/77Hz
Frame Frequency in 8-Color (Idle)
(F8A/F8B/F8C/F8D)
46Hz/61.5Hz/72Hz/77Hz
46Hz/61.5Hz/72Hz/77Hz
46Hz/61.5Hz/72Hz/77Hz
Temperature Range
(TA/TB/TC)
-10
/0
/10
℃ ℃
℃
-10
/0
/10
℃ ℃
℃
-10
/0
/10
℃ ℃
℃
Temperature Hysteresis (TH)
6℃
6℃
6℃
TEMPSEL
Refer to 9.1.72
Refer to 9.1.72
Refer to 9.1.72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com