Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 87 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 87 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 210 page
background image
ST7637
Ver 1.6
87/210
2009/03
9.1.12. SLPOUT: Sleep Out (11h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
SLPOUT
0
1
0
0
0
0
1
0
0
0
1
(11h)
Parameter
No Parameter
Description
This command turns off sleep mode. In this mode the DC/DC converter is enabled, Internal
display oscillator is started, and panel scanning is started.
Restriction
This command has no effect when module is already in sleep out mode. Sleep Out Mode can
only be exit by the Sleep In Command (10h).
It will be necessary to wait 5msec before sending next command. This is to allow time for the
supply voltages and clock circuits to stabilize.
The display module loads all display supplier’s factory default values to the registers during this
5msec and there cannot be any abnormal visual effect on the display image if factory default
and register values are same when this load is done and when the display module is already
Sleep Out –mode.
The display module is doing self-diagnostic functions during this 5msec. It will be necessary to
wait 120msec after sending Sleep In command (when in Sleep Out mode) before Sleep Out
command can be sent.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Sleep in mode
S/W Reset
Sleep in mode
H/W Reset
Sleep in mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com