Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 210 page
background image
ST7637
Ver 1.6
19/210
2009/03
7. FUNCTIONAL DESCRIPTION
7.1
MICROPROCESSOR INTERFACE
Chip Select Input
/CS pin is chip selection. The ST7637 is active when /CS=L. In serial interface mode, the internal shift register and the
counter are reset when /CS=H.
7.2
Selecting Parallel / Serial Interface
ST7637 has six types of interfaces with an MPU, which are two serial and four parallel interfaces. These parallel or serial
interfaces are determined by IF pin as shown in Table 7.2-1.
I/F Mode
Pin Assignment
IF3
IF2
IF1
I/F Description
/CS
A0
E_RD
RW_WR
Used Data Bus
D1
D0
H
H
H
80 serial 16-bit parallel
/CS
A0
/RD
/WR
D15~D2
D1
D0
H
H
L
80 serial 8-bit parallel
/CS
A0
/RD
/WR
D7~D2
D1
D0
H
L
H
68 serial 16-bit parallel
/CS
A0
E
R/W
D15~D2
D1
D0
H
L
L
68 serial 8-bit parallel
/CS
A0
E
R/W
D7~D2
D1
D0
L
H
H
8-bit SPI mode (4 line)
/CS
SCL
--
--
--
A0
SI
L
H
L
9-bit SPI mode (3 line)
/CS
SCL
--
--
--
--
SI
Table 7.2-1 Parallel / Serial Interface Mode
NOTE: When these pins are set to any other combination, A0, E_RD and RW_WR inputs are disabled and D0
to D15 are to be high impedance.
7.2.1.
8-bit or 16-bit Parallel Interface
The ST7637 identifies the type of the data bus signals according to the combination of A0, /RD (E) and /WR (W/R) signals,
as shown in Table 7.2-2.
Common
6800-series
8080-series
A0
RW
E
/WR
/RD
Description
H
H
↑
H
↓
Display data read out
H
H
↑
H
↓
Register status read
L
L
↓
↑
H
Instruction write
H
L
↓
↑
H
Display data write
Table 7.2-2 Parallel Data Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com