Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 98 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 98 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 210 page
background image
ST7637
Ver 1.6
98/210
2009/03
9.1.20. DISPOFF: Display Off (28h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
DISPOFF
0
1
0
0
0
1
0
1
0
0
0
(28h)
Parameter
No Parameter
Description
This command is used to enter into DISPLAY OFF mode. In this mode, the output from Frame
Memory disables and blank page inserted.
This command makes no change of contents of frame memory.
This command does not change any other status.
There will be no abnormal visible effect on the display.
Exit from this command by Display On (29h)
Restriction
This command has no effect when module is already in Display Off mode.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Display off
S/W Reset
Display off
H/W Reset
Display off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com