Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 4 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST7637 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 210 page
background image
ST7637
Ver 1.6
4/210
2009/03
71
D8
-2404.35
-329.5
72
D9
-2324.35
-329.5
73
D10
-2244.35
-329.5
74
D11
-2164.35
-329.5
75
D12
-2084.35
-329.5
76
D13
-2004.35
-329.5
77
D14
-1924.35
-329.5
78
D15
-1844.35
-329.5
79
VSS
-1764.35
-329.5
80
VDD
-1684.35
-329.5
81
E_RD
-1604.35
-329.5
82
/RST
-1524.35
-329.5
83
CSEL
-1444.35
-329.5
84
IF1
-1364.35
-329.5
85
IF2
-1284.35
-329.5
86
IF3
-1204.35
-329.5
87
VSS
-1124.35
-329.5
88
VDD
-1044.35
-329.5
89
/CS
-964.35
-329.5
90
/EXT
-884.35
-329.5
91
TE
-804.35
-329.5
92
TCAP
-724.35
-329.5
93
VDD
-644.35
-329.5
94
VDD
-564.35
-329.5
95
VDD
-484.35
-329.5
96
VDD
-404.35
-329.5
97
VDD1
-324.35
-329.5
98
VDD1
-244.35
-329.5
99
VSS1
-164.35
-329.5
100
VSS1
-84.35
-329.5
101
VSS
-4.35
-329.5
102
VSS
75.65
-329.5
103
VSS
155.65
-329.5
104
VSS
235.65
-329.5
105
VSS
315.65
-329.5
106
VSS
395.65
-329.5
107
VSS
475.65
-329.5
108
VSS
555.65
-329.5
109
VSS2
635.65
-329.5
110
VSS2
715.65
-329.5
111
VSS2
795.65
-329.5
112
VSS2
875.65
-329.5
113
VSS2
955.65
-329.5
114
VSS2
1035.65
-329.5
115
VSS2
1115.65
-329.5
116
VSS2
1195.65
-329.5
117
VSS2
1275.65
-329.5
118
VSS2
1355.65
-329.5
119
VSS2
1435.65
-329.5
120
VSS2
1515.65
-329.5
121
VSS2
1595.65
-329.5
122
VSS2
1675.65
-329.5
123
VSS2
1755.65
-329.5
124
VSS2
1835.65
-329.5
125
VSS2
1915.65
-329.5
126
VSS2
1995.65
-329.5
127
VSS4
2075.65
-329.5
128
VSS4
2155.65
-329.5
129
VDD3
2235.65
-329.5
130
VDD3
2315.65
-329.5
131
VREFP
2395.65
-329.5
132
VDD4
2475.65
-329.5
133
VDD4
2555.65
-329.5
134
VDD5
2635.65
-329.5
135
VDD5
2715.65
-329.5
136
VDD5
2795.65
-329.5
137
VDD5
2875.65
-329.5
138
VDD5
2955.65
-329.5
139
VDD5
3035.65
-329.5
140
VDD5
3115.65
-329.5
141
VDD5
3195.65
-329.5
142
VDD2
3275.65
-329.5
143
VDD2
3355.65
-329.5
144
VDD2
3435.65
-329.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com