Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 51 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 51 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 210 page
background image
ST7637
Ver 1.6
51/210
2009/03
7.10 Liquid Crystal Driver Power Circuit
The Power Supply circuits generate the voltage levels necessary to drive liquid crystal driver circuits with low power
consumption and the fewest components. There are voltage converter circuits, voltage regulator circuits, and voltage
follower circuits. They are controlled by power control instruction. For details, refers to "Instruction Description". Figure
7.10-1 shows the referenced combinations in using Power Supply circuits.
Booster 2
( x2 )
Booster 1
( x8 )
Booster 3
( -x8 )
V0
Vg
XV0
VSS2
1.0uF/25V
Non-Polar
1.0uF/16V
Non-Polar
IC Internal
IC External
VSS2
VDD2
Reserved resistor
(1M /default NC.)
Figure 7.10-1
DC/DC Booster Block Diagram
7.10.1. Voltage Regulator Circuits
There is a built-in voltage regulator circuits in ST7637 for generating V0. After internal voltage is regulated by voltage
regulator circuit, V0 is generated. Detail explanation of V0 set is listed below:
7.10.1.1. SET V0 (Temperatue = 24
)
℃
℃
℃
℃
V0=a+{Vop[8:0]+Vop-offset[8:0]+(EV[6:0]-3Fh)}xb (V)
Example:
Vop[8:0]=011010010
Vop[8:0]=000000000
EV[6:0]=0111111
V0=3.6 + { 210 + 0 + (63-63) } x 0.04 =12 (V)
a is a fixed constant value (see Table 7.10-2).
b is a fixed constant value (see Table 7.10-2).
Vop [8:0] is the programmed VOP value. The programming range for Vop[8:0] is 0 to 410 (19Ahex).
The range of contrast is 128 steps for fine tuning VOP.
SYMBOL
VALUE
UNIT
a
3.6
V
b
0.04
V
Table 7.10-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com