Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 53 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 53 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 210 page
background image
ST7637
Ver 1.6
53/210
2009/03
7.10.1.2. SET V0 with temperature compansation (Temperatue
≠ 24
)
℃
℃
℃
℃
There are 16-line slope in each temperature steps and customer can select one line slope of temperature
compensation coefficiency for each temperature step. Each temperature step is 8
oC. Please see Figure 7.10-4 as
below.
Figure 7.10-4
In command TEMPSEL (see section 9.1.72) each MTx, where x=0, 1, 2,…, E, F, has a value between 0 and 15. MTx
= 0 results in 0V increment on V0, MTx = 1 results in Mx=5mV increment, …, MTx = 15 results in Mx=15x5mV=75mV
increment. Note that each MTx individually corresponds to a temperature interval; The relations between Mx and V0
quantity due to temperature V0(T) are described in the equations shown as follows:
Temperature range
Equation V0(V) at temperature=
T℃
℃
℃
℃
-40
T
℃ ℃
< -32℃
V0(T) = V0(T24)+ (-32-T).M0 +( M1 + M2 + M3 + M4 + M5 + M6 + M7).8
-32
T
℃ ℃
< -24℃
V0(T) = V0(T24)+ (-24-T).M1 +( M2 + M3 + M4 + M5 + M6 + M7).8
-24
T
℃ ℃
< -16℃
V0(T) = V0(T24)+ (-16-T).M2 +( M3 + M4 + M5 + M6 + M7).8
-16
T
℃ ℃
< -8℃
V0(T) = V0(T24)+ (-8-T).M3 +( M4 + M5 + M6 + M7).8
-8
T
℃ ℃
< 0℃
V0(T) = V0(T24)+ (0-T).M4 +( M5 + M6 + M7).8
0
T
℃ ℃
< 8℃
V0(T) = V0(T24)+ (8-T).M5 +( M6 + M7).8
8
T
℃ ℃
< 16℃
V0(T) = V0(T24)+ (16-T).M6 + M7.8
16
T
℃ ℃
< 24℃
V0(T) = V0(T24)+ (24-T).M7
24
T
℃ ℃
< 32℃
V0(T) = V0(T24)-(T-24).M8
32
T
℃ ℃
< 40℃
V0(T) = V0(T24)-(T-32).M9-M8.8
40
T
℃ ℃
< 48℃
V0(T) = V0(T24)-(T-40).M10-(M9 + M8 ).8
48
T
℃ ℃
< 56℃
V0(T) = V0(T24)-(T-48).M11-(M10 + M9 + M8 ).8
56
T
℃ ℃
< 64℃
V0(T) = V0(T24)-(T-56).M12-(M11 + M10 + M9 + M8 ).8
64
T
℃ ℃
< 72℃
V0(T) = V0(T24)-(T-64).M13-(M12 + M11 + M10 + M9 + M8 ).8
72
T
℃ ℃
< 80℃
V0(T) = V0(T24)-(T-72).M14-(M13 + M12 + M11 + M10 + M9 + M8 ).8
80
T
℃ ℃
< 88℃
V0(T) = V0(T24)-(T-80).M15-( M14 + M13 + M12 + M11 + M10 + M9 + M8 ).8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com