Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 44 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 44 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 210 page
background image
ST7637
Ver 1.6
44/210
2009/03
7.5
Gray-Scale Display
ST7637 incorporates a 4FRC & 31 PWM function circuit to display a 64 gray-scale display.
7.6
Oscillation circuit
ST7637 is built-in an oscillator circuit. It provides internal clock without external resistor. This oscillator signal is used in the
voltage converter and display timing generation circuit.
7.7
Display Timing Generator Circuit
This circuit generates some signals to be used for displaying LCD. The display clock , which is generated by oscillation
clock, generates the clock for the line counter and the signal for the display data latch. The line address of on-chip RAM is
generated in synchronization with the display clock and the display data latch circuit latches the 132-bits display data in
synchronization with the display clock. The display data, which is read to the LCD driver, is completely independent of the
access to the display data RAM from the microprocessor. The display clock generates an LCD AC signal (M), which
enables the LCD driver to make an AC drive waveform, and also generates an internal common timing signal and start
signal to the common driver. The frame signal or the line signal changes the M by setting internal instruction. Driving
waveform and internal timing signal are shown in Figure 7.7-1.
Figure 7.7-1 2-frame AC Driving Waveform (Duty Ratio: 1/132)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com