Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 14 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 14 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 210 page
background image
ST7637
Ver 1.6
14/210
2009/03
6. PIN DESCRIPTION
6.1
Power Supply
Name
I/O
Description
VDD
Supply
Power supply for logic circuit.
VDD1
Supply
Power supply for OSC circuit.
VDD2
Supply
Power supply for Booster circuit.
VDD3
Supply
Power supply for LCD.
VDD4
Supply
Power supply for LCD.
VDD5
Supply
Power supply for LCD.
VSS
Supply
Ground for logic circuit. Ground system should be connected together.
VSS1
Supply
Ground for OSC circuit. Ground system should be connected together.
VSS2
Supply
Ground for Booster circuit. Ground system should be connected together.
VSS4
Supply
Ground for LCD. Ground system should be connected together.
6.2
LCD Power Supply Pins
Name
I/O
Description
V0OUT
V0IN
V0S
I/O
Positive LCD driver supply voltages.
V0OUT is the output voltage of V0 generated by ST7637.
V0IN is the input pin of power supply to generate V0 voltage for LCD.
V0S is the input pin of power supply to sense the V0 voltage.
V0OUT 、V0IN & V0S should be connected together by FPC.
XV0OUT
XV0IN
XV0S
I/O
Negative LCD driver supply voltages.
XV0OUT is the output voltage of XV0 generated by ST7637.
XV0IN is the input pin of power supply to generate XV0 voltage for LCD.
XV0S is the input pin of power supply to sense the XV0 voltage.
XV0OUT 、XV0IN & XV0S should be connected together by FPC.
VgOUT
VgIN
VgS
Vm
I/O
Bias LCD driver supply voltages.
VgOUT is the output voltage of Vg generated by ST7637.
VgIN is the input pin of power supply to generate Vg voltage for LCD.
VgS is the input pin of power supply to sense the Vg voltage.
VgOUT 、VgIN & VgS should be connected together by FPC.
Vm is the I/O pin of LCD bias supply voltage
Voltages should have the following relationship;
V0 > Vg > Vm > VSS > XV0.
VDDA-0.7V>Vm>0.7V.
VddA <3V:2 x VDDA
Vg
≧
≧3V ; VddA ≧3V:2 x VDDA
Vg
≧
>1.8V
When the internal power circuit is active, these voltages are generated as following table according
to the state of LCD bias.
NOTE: N = 5 to 12
LCD bias
Vg
Vm
1/N bias
(2/N) x V0
(1/N) x V0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com