Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 90 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 90 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 210 page
background image
ST7637
Ver 1.6
90/210
2009/03
9.1.14. NORON: Normal Display Mode On (13h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
NORON
0
1
0
0
0
0
1
0
0
1
1
(13h)
Parameter
No Parameter
Description
This command returns the display to normal mode.
Normal display mode on means Partial mode off, Scroll mode Off.
Exit from NORON by the Partial mode On command (12h)
There is no abnormal visual effect during mode change between Normal mode On <-> Partial
mode On.
Restriction
This command has no effect when Normal Display mode is active.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Normal Mode On
S/W Reset
Normal Mode On
H/W Reset
Normal Mode On
Flow Chart
See Partial Area and Vertical Scrolling Definition Descriptions for details of when to use this
command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com