Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 52 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 52 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 210 page
background image
ST7637
Ver 1.6
52/210
2009/03
The Vop [8:0] value must be in the V0 programming range as given in Figure 7.10-3. Evaluating V0 equation, values
outside the programming range indicated in many result. V0 range equals from 3.6V to 18V
(V0=3.6+{vop[8:0]+vop-offset[8:0]+(EV[6:0]-3Fh)}x0.04).
00
01
02
03
04
05
06 .....
410
DEC
b = 0.04V
V0
Programming range(00HEX to19AHEX)
Vop[8:0] programming,(00hexto 19Ahex)
Figure 7.10-3
V0 programming range
As the programming range for the internally generated V0 voltage is above the limited V0 (18V), users has to ensure
while selecting the temperature compensation that under all conditions and including all tolerances that the V0 voltage
remains below 18V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com