Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 75 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 75 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 210 page
background image
ST7637
Ver 1.6
75/210
2009/03
9.1.4.
RDDST: Read Display Status (09h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
RDDST
0
1
0
0
0
0
0
1
0
0
1
(09h)
Dummy Read
1
0
1
-
-
-
-
-
-
-
-
-
2nd parameter
1
0
1
ST31
ST30
ST29
ST28
ST27
ST26
ST25
ST24 -
3rd parameter
1
0
1
ST23
ST22
ST21
ST20
ST19
ST18
ST17
ST16 -
4th parameter
1
0
1
ST15
ST14
ST13
ST12
ST11
ST10
ST9
ST8
-
5th parameter
1
0
1
ST7
ST6
ST5
ST4
ST3
ST2
ST1
ST0
-
NOTE: “-“ Don’t care
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
ST31
Booster Voltage Status
“1”=Booster on, “0”=off
ST30
Row Address Order (MY)
“1”=Decrement, “0”=Increment
ST29
Column Address Order (MX)
“1”=Decrement, “0”=Increment
ST28
Row/Column Order (MV)
“1”= Row/column exchange (MV=1)
“0”= Normal (MV=0)
ST27
Scan Address Order (ML)
“1”=Decrement, “0”=Increment
ST26
RGB/BGR Order (RGB)
“1”=BGR, “0”=RGB
ST25
Not Used
“0”
ST24
Not Used
“0”
ST23
Not Used
“0”
ST22
ST21
ST20
Interface Color Pixel Format
Definition
“010” = 8-bit / pixel,
“011” = 12-bit / pixel type A
“100” = 12-bit / pixel type B
“101” = 16-bit / pixel,
“110” = 18-bit / pixel,
“111” = 24-bit / pixel
ST19
Idle Mode On/Off
“1” = On, “0” = Off
ST18
Partial Mode On/Off
“1” = On, “0” = Off
ST17
Sleep In/Out
“1” = Out, “0” = In
ST16
Display Normal Mode On/Off
“1” = Normal Display, “0” = Partial Display
ST15
Vertical Scrolling Status
“1” = Scroll on, “0” = Scroll off
ST14
Not Used
“0”
ST13
Inversion Status
“1” = On, “0” = Off
ST12
All Pixels On
“1” = all pixal on, “0” = normal display
ST11
All Pixels Off
“1” = all pixal off, “0” = normal display
ST10
Display On/Off
“1” = On, “0” = Off
ST9
Tearing effect line on/off
“1” = On, “0” = Off
ST8
Not Used
“0”
ST7
Not Used
“0”
ST6
Not Used
“0”
ST5
Tearing effect line mode
“0” = mode1, “1” = mode2
ST4
Not Used
“0”
ST3
Not Used
“0”
ST2
Not Used
“0”
ST1
Not Used
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com