Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 62 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 62 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 210 page
background image
ST7637
Ver 1.6
62/210
2009/03
8. RESET CIRCUIT
The registers that are initialized are listed below.
Item
After Power On
After Software Reset
After Hardware Reset
Frame memory (RAM data)
Random
No Change
No Change
RDDID
TBD
TBD
TBD
RDDPM
08h
08h
08h
RDDMADCTR
00h
No Change
00h
RDDCOLMOD
05h (16-Bit/Pixel)
No Change
05h (16-Bit/Pixel)
RDDIM
00h
00h
00h
RDDSM
00h
00h
00h
RDDSDR
00h
00h
00h
Sleep In/Out
In
In
In
Display mode (normal/partial)
Normal
Normal
Normal
Display Inversion On/Off
Off
Off
Off
All Pixel Off mode
Disable
Disable
Disable
All Pixel On mode
Disable
Disable
Disable
Contrast (EV)
3Fh
3Fh
3Fh
Display On/Off
Display Off
Display Off
Display Off
Column: Start Address (XS)
00h
00h
00h
Column: End Address (XE)
83h
83h (when MV=0)
83h (when MV=1)
83h
Row: Start Address (YS)
00h
00h
00h
Row: End Address (YE)
83h
83h (when MV=0)
83h (when MV=1)
83h
Color set
Random
Contents of the look-up
table protected
Random
Partial: Start Address (PS)
00h
00h
00h
Partial: End Address (PE)
83h
83h
83h
Scroll: Top Fixed Area (TFA)
00h
00h
00h
Scroll: Scroll Area (VSA)
84h
84h
84h
Scroll: Bottom Fixed Area (BFA)
00h
00h
00h
TE On/Off
Off
Off
Off
TE Mode
0 (Mode1)
0 (Mode1)
0 (Mode1)
Memory Data Access Control
MY/MX/MV/ML/RGB)
0/0/0/0/0
No Change
0/0/0/0/0
Scroll Start Address (SSA)
00h
00h
00h
Idle Mode On/Off
Off
Off
Off
Interface Color Pixel Format (P)
05h (16Bit/Pixel)
No change
05h (16Bit/Pixel)
ID1
Set by customer
Set by customer
Set by customer
ID2
Set by customer
Set by customer
Set by customer
ID3
Set by customer
Set by customer
Set by customer
Drive Duty
83h
83h
83h
First Common
00h
00h
00h
FOSC Divider
No division
No division
No division



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com