Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 46 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 46 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 210 page
background image
ST7637
Ver 1.6
46/210
2009/03
7.8
POWER LEVEL DEFINITION
7.8.1.
Power ON/OFF SEQUENCE
NOTE: VDDI=VDD, VDD1; VDDA=VDD2, VDD3, VDD4, VDD5
During power off, if LCD is in the Sleep Out mode, VDDA and VDDI must be powered down minimum 120msec after /RST
has been released.
During power off, if LCD is in the Sleep In mode, VDDI or VDDA can be powered down minimum 0msec after /RST has
been released.
/CS can be applied at any timing or can be permanently grounded. /RST has priority over /CS.
If /RST line is not held stable by host during Power On Sequence as defined in Sections case1 and case2, then it will be
necessary to apply a Hardware Reset (/RST) after Host Power On Sequence is complete to ensure correct operation.
Otherwise function is not guaranteed.
The power on/off sequence is illustrated below:
Case 1 – /RST line is held High or Unstable by Host at Power On
If /RST line is held High or unstable by the host during Power On, then a Hardware Reset must be applied after both VDDA
and VDDI have been applied – otherwise correct functionality is not guaranteed. There is no timing restriction upon this
hardware reset.
Note: Unless otherwise specified, timings herein show cross point at 50% of signal/power level.
Case 2 – /RST line is held Low by host at Power On
If /RST line is held Low (and stable) by the host during Power On, then the /RST must be held low for minimum 10
µsec
after both VDDA and VDDI have been applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com