Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 36 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 36 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 210 page
background image
ST7637
Ver 1.6
36/210
2009/03
7.4.6.
Normal Display On or Partial Mode On, Vertical Scroll Off
In this mode, contents of the frame memory within an area where column address is 00h to 83h and row address is 00h to
83h is displayed.
To display a dot on leftmost top corner, store the dot data at (column address, row address) = (0,0).
Example1) Normal Display On
Example2) Partial Display On: PSL[6:0] = 04h, PEL[6:0] = 80h, MADCTR (ML)=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com