Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 65 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 65 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 210 page
background image
ST7637
Ver 1.6
65/210
2009/03
(10h) SLPIN
0
1
0
0
0
0
1
0
0
0
0
Sleep in & booster off
9.1.11
(11h) SLPOUT
0
1
0
0
0
0
1
0
0
0
1
Sleep out & booster on
9.1.12
(12h) PTLON
0
1
0
0
0
0
1
0
0
1
0
Partial mode on
9.1.13
(13h) NORON
0
1
0
0
0
0
1
0
0
1
1
Partial off (Normal)
9.1.14
(20h) INVOFF
0
1
0
0
0
1
0
0
0
0
0
Display inversion off (normal)
9.1.15
(21h) INVON
0
1
0
0
0
1
0
0
0
0
1
Display inversion on
9.1.16
(22h) APOFF
0
1
0
0
0
1
0
0
0
1
0
All pixel off (Only for test
purpose)
9.1.17
(23h) APON
0
1
0
0
0
1
0
0
0
1
1
All pixel on (Only for test
purpose)
9.1.18
(25h) WRCNTR
0
1
0
0
0
1
0
0
1
0
1
Write contrast
9.1.19
-
1
1
0
0
EV6
EV5
EV4
EV3
EV2
EV1
EV0
EV = 0 to 127
(28h) DISPOFF
0
1
0
0
0
1
0
1
0
0
0
Display off
9.1.20
(29h) DISPON
0
1
0
0
0
1
0
1
0
0
1
Display on
9.1.21
(2Ah) CASET
0
1
0
0
0
1
0
1
0
1
0
Column address set
9.1.22
1
1
0
XS7
XS6
XS5
XS4
XS3
XS2
XS1
XS0
X_ADR start: 0℃XS℃83h
1
1
0
XE7
XE6
XE5
XE4
XE3
XE2
XE1
XE0
X_ADR end: XS℃XE ℃83h
(2Bh) RASET
0
1
0
0
0
1
0
1
0
1
1
Row address set
9.1.23
1
1
0
YS7
YS6
YS5
YS4
YS3
YS2
YS1
YS0
Y_ADR start: 0℃YS℃83h
1
1
0
YE7
YE6
YE5
YE4
YE3
YE2
YE1
YE0
Y_ADR end: YS℃YE℃83h
(2Ch) RAMWR
0
1
0
0
0
1
0
1
1
0
0
Memory write
9.1.24
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Write data
(2Dh) RGBSET
0
1
0
0
0
1
0
1
1
0
1
Color set for 256 or 4k color
display
9.1.25
-
1
1
0
-
-
-
R4
R3
R2
R1
R0
Red tone (00000)
-
1
1
0
:
:
:
:
:
:
:
:
: -
-
1
1
0
-
-
-
R4
R3
R2
R1
R0
Red tone (11111)
-
1
1
0
-
-
G5
G4
G3
G2
G1
G0
Green tone (000000)
1
1
0
:
:
:
:
:
:
:
:
: -
1
1
0
-
-
G5
G4
G3
G2
G1
G0
Green tone (111111)
1
1
0
-
-
-
B4
B3
B2
B1
B0
Blue tone (00000)
1
1
0
:
:
:
:
:
:
:
:
: -
1
1
0
-
-
-
B4
B3
B2
B1
B0
Blue tone (11111)
(2Eh) RAMRD
0
1
0
0
0
1
0
1
1
1
0
Memory Read
9.1.26
1
1
0
-
-
-
-
-
-
-
-
Dummy read
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
(30h) PTLAR
0
1
0
0
0
1
1
0
0
0
0
Partial start/end address set
9.1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com