Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 81 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 81 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 210 page
background image
ST7637
Ver 1.6
81/210
2009/03
9.1.8.
RDDIM: Read Display Image Mode (0Dh)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
RDDIM
0
1
0
0
0
0
0
1
1
0
1
(0Dh)
Dummy Read
1
0
1
-
-
-
-
-
-
-
-
-
2nd parameter
1
0
1
D7
0
D5
D4
D3
0
0
0
-
NOTE: “-“ Don’t care
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
D7
Vertical Scrolling On/Off
“1” = Vertical scrolling is On,
“0” = Vertical scrolling is Off,
D6
Not Used
“0”
D5
Inversion On/Off
“1” = Inversion is On, “0” = Inversion is Off
D4
All Pixels On
“1” = All Pixels On, “0” = Normal Mode
D3
All Pixels Off
“1” = All Pixels Off, “0” = Normal Mode
D2
D1
D0
Not Used
“0”
“0”
“0”
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value (D[7:0])
Power On Sequence
00h
S/W Reset
00h
H/W Reset
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com