Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 20 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 20 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 210 page
background image
ST7637
Ver 1.6
20/210
2009/03
Figure 7.2-3 Parallel Data Transfer Example Chart
Relation between Data Bus and Gradation Data
ST7637 offers 256 color, 4096 color display, 65K color display, and truncated 262K color display, truncated 16M color
display. When using 256 colors, 4096, 65K, 262K, and 16M color display; you can specify color for each of R, G, and B
using the palette function. Use the command for switching between these modes.
(1) 256 color input mode
1. 8-bit interface
D7, D6, D5, D4, D3, D2, D1, D0: RRRGGGBB
1st -write
There is only 1 write operation for 1 pixel data.
1 pixel data is written in the display data RAM when 1st -write operation finishes.
(2) 4096-color display
(1-1) Type A 4096 color display
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: RRRRGGGG
1st-write
D7, D6, D5, D4, D3, D2, D1, D0: BBBBRRRR
2nd-write
D7, D6, D5, D4, D3, D2, D1, D0: GGGGBBBB
3rd-write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com