Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7637 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 210 page
background image
ST
Sitronix
ST7637
65K 132x132 Color Dot Matrix LCD Controller/Driver
Ver 1.6
1/210
2009/03
1. INTRODUCTION
The ST7637 is a driver & controller LSI for 65K color graphic dot-matrix liquid crystal display systems. It generates 396
Segment and 132 Common driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral
Interface (SPI) or 8-bit/16-bit parallel display data and stores in an on-chip display data RAM. It performs display data RAM
read/write operation with no external operating clock to minimize power consumption. In addition, because it contains
power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.
2. FEATURES
Driver Output Circuits
♦ 396 segment outputs / 132 common outputs
Applicable Duty Ratios
♦ Various partial display
♦ Partial window moving & data scrolling
Gray-Scale Display
♦ 4FRC & 31 PWM function circuit to display 64
gray-scale display
♦ Support 8 color mode (Idle mode)
On-chip Display Data RAM
♦ Capacity: 132 x 132 x 16 =278,784 bits
Color support by Interface
♦ 256 colors (RGB)=(332) mode
♦ 4k colors (RGB)=(444) mode
♦ 65K colors (RGB)=(565) mode
♦ Truncated 262K colors (RGB)=(666) mode
♦ Truncated 16M colors (RGB)=(888) mode
Microprocessor Interface
♦ 8/16-bit parallel bi-directional interface with 6800-series
or 8080-series
♦ 4-line serial interface
♦ 3-line (9-bits) serial interface
On-chip Low Power Analog Circuit
♦ On-chip oscillator circuit
♦ Voltage converter (x2~x8) with internal capacitors.
♦ Extremely Few Outsider Components. (3 Capacitors)
♦ On-chip Voltage Regulator
♦ On-chip electronic contrast control function
♦ Voltage follower (LCD bias: 1/5~1/12)
Operating Voltage Range
♦ Supply Digital Voltage (VDD, VDD1): 1.65 to 3.0V
♦ Supply Analog Voltage (VDD2~VDD5): 2.4 to 3.3V
♦ LCD driving voltage (VOP = V0 - VSS): Max: 18V
LCD Driving Voltage (OTP)
♦ Contrast Adjustment Value is stored in the Built-In
OTP-ROM for better display quality.
LCD Driving setting suggestion
♦ VOP = 14V, BIAS=1/9. (VDD=2.8V)
♦ VOP=15.5V,BIAS=1/10. (VDD=2.8V)
Package Type
♦ Application for COG
ST7637
6800, 8080, 4-Line, 3-Line interface
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.


Similar Part No. - ST7637

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST763 STMICROELECTRONICS-ST763 Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Sitronix Technology Co....
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
4K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
65K Color Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
More results

Similar Description - ST7637

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
65K Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
65K Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
4K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com