Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 33 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 33 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 210 page
background image
ST7637
Ver 1.6
33/210
2009/03
7.4.2.
Address Control
The address counter sets the addresses of the display data RAM for writing.
Data is written pixel into the RAM matrix of ST7637. The data for one pixel or two pixels is collected (RGB 5-6-5-bit),
according to the data formats. As soon as this pixel-data information is complete, the “Write access” is activated on the
RAM. The locations of RAM are addressed by the address pointers. The address ranges are X=0 to X=131 (83h) and Y=0
to Y=131 (83h). Addresses outside these ranges are not allowed.
Before writing to the RAM, a window must be defined into which will be written. The window is programmable via the
command registers XS, YS designating the start address and XE, YE designating the end address.
For example the whole display contents will be written, the window is defined by the following values: XS=0 (0h) YS=0 (0h)
and XE=131 (83h), YE=131 (83h).
In vertical addressing mode (MV=1), the Y-address increments after each byte, after the last Y-address (Y=YE), Y wraps
around to YS and X increments to address the next column. In horizontal addressing mode (MV=0), the X-address
increments after each byte, after the last X-address (X=XE), X wraps around to XS and Y increments to address the next
row. After the every last address (X=XE and Y=YE) the address pointers wrap around to address (X=XS and Y=YS). For
flexibility in handling a wide variety of display architectures, the commands “CASET, RASET” and “MADCTR”, define flags
MV, MX and MY, which allows mirroring of the X-address and Y-address. All combinations of flags are allowed. Figure
7.4-1show the available combinations of writing to the display RAM. When MX, MY and MV will be changed the data must
be rewritten to the display RAM.
For each image condition, the controls for the column and row counters apply as below:
Condition
Column Counter
Row Counter
When RAMWR command is accepted
Return to “Start
Column (XS)”
Return to “Start
Row (YS)”
Complete Pixel Read / Write action
Increment by 1
No change
The Column counter value is larger than “End Column (XE)”
Return to “Start
Column (XS)”
Increment by 1
The Column counter value is larger than “End Column (XE)” and
the Row counter value is larger than “End Row (YE)”
Return to “Start
Column (XS)”
Return to “Start
Row (YS)”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com