Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 97 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 97 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 210 page
background image
ST7637
Ver 1.6
97/210
2009/03
9.1.19. WRCNTR: Write Contrast (25h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
WRCNTR
0
1
0
0
0
1
0
0
1
0
1
(25h)
Parameter
1
1
0
0
EV6
EV5
EV4
EV3
EV2
EV1
EV0
Description
This command is used to fine tuning the contrast of the display. Parameter range is 00~7Fh. The
contrast is not linear but the contrast adjustment is linear. Luminance is increasing from 00h to 7Fh.
00h is presenting dark end and 7Fh is presenting bright end.
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
3Fh
S/W Reset
3Fh
H/W Reset
3Fh
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com