Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 210 page
background image
ST7637
Ver 1.6
16/210
2009/03
RW_WR
I
RW_WR pin is only used in parallel interface.
MPU type
RW_WR
Description
6800-series
RW
Read / Write control input pin
Write status: RW = “L”.
Read status: RW = “H”.
8080-series
/WR
Write enable clock input pin
The data on D0 to D15 are latched at the rising
edge of the /WR signal.
When in the serial interface, connect it to VDDI.
E_RD
I
E_RD pin is only used in parallel interface.
MPU Type
E_RD
Description
6800-series
E
Enable clock pin:
Write status: The data on D0 to D15 are latched at
the falling edge of the E signal.
Read status: The data on D0 to D15 are latched at
the rising edge of the E signal.
8080-series
/RD
Read enable clock input pin
The data on D0 to D15 are latched at the falling
edge of the /WR signal.
When in the serial interface, connect it to VDDI.
D15 to D0
I/O
They connect to the standard 8-bit or 16 bit MPU bus via the 8/16 –bit bi-directional bus.
When the following interface is selected and the /CS pin is high, the following pins become high
impedance.
1.
In 8-bit parallel: D15-D8 pins are in the state of high impedance should connect to VDDI.
2.
In 3-line/4-line interface D0 pad will be used for SI function
3.
In 4-line interface D1 pad will be used for A0 function
4.
In Serial interface: unused pins are in the state of high impedance should connect to VDDI.
SI
I
SI is used to input serial data when the serial interface is selected.(3 line and 4 line)
It is used by “D0” pad, See Table 7.2-1.
SCL
I
SCL is used to input serial clock when the serial interface is selected.
The data is converted in the rising edge. (3 line and 4 line)
It is used by “A0” pad , See Table 7.2-1.
TE
O
Tearing effect output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com