Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 31 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 31 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 210 page
background image
ST7637
Ver 1.6
31/210
2009/03
7.3
ACCESS TO DDRAM AND INTERNAL REGISTERS
ST7637 realizes high-speed data transfer because the access from MPU is a sort of pipeline processing done via the bus
holder attached to the internal, requiring the cycle time alone without needing the wait time.
For example, when MPU writes data to the DDRAM, the data is once held by the bus holder and then written to the
DDRAM before the succeeding write cycle is started. When MPU reads data from the DDRAM, the first read cycle is
dummy and the bus holder holds the data read in the dummy cycle, and then it read from the bus holder to the system bus
in the succeeding read cycle. Figure 7.3-1 illustrates these relations.
In 80-series interface mode:
N
Dummy
D (N )
D (N +1)
MPU signal
A 0
DATA
Internal signals
ADDRESS COUNTER
/RD
N
D (N )
D (N +1)
D (N +2)
D (N +3)
INTERNAL LATCH
Read
Operation
/WR
/WR
/RD
D (N )
D (N +1)
D (N +2)
Figure 7.3-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com