Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 60 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 60 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 210 page
background image
ST7637
Ver 1.6
60/210
2009/03
Note3: When writing value to OTP, the voltage of VPP must be more than 7.5V (7.5V~7.75V); the current of
Ivpp must be more than 4 mA.
Note4: If the OTP is exposed to a high temperature for hours, data in the memory cell may probably be lost
before the data retention guarantee period. To retain data in the memory cell, keep the memory cell below
90℃. The data retention guarantee period is specified including the retention period.
7.11 Frquency Temperature Gradient Compensation Coefficient
ST7637 will auto-switch frame rate on different temperature such as Figure 7.11-1. TA,TB and TC are frame rate
switching temperatures which can be defined by customer with command TMPRNG(see section 9.1.70). FA, FB, FC
and FD are switched frame rate which also can be defined by customer with command FRMSEL (see section 9.1.65).
The frame rate range is from 37.5Hz to 170Hz.
When the temperature is in increasing state, frame rate changes to the higher step at TA/TB/TC+TH(
).
℃ When
the temperature is in decreasing state, frame rate changes to the lower step at TA/TB/TC. For example: TC=10℃
and TH=5
, FC switches to FD at 15
but FD switches to FC at 10
. Please take
℃
℃
℃
Figure 7.11-1 for reference.
Figure 7.11-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com