Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 104 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 104 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 210 page
background image
ST7637
Ver 1.6
104/210
2009/03
9.1.23. RASET: Row Address Set (2Bh)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
RASET
0
1
0
0
0
1
0
1
0
1
1
(2Bh)
1st Parameter
1
1
0
YS7
YS6
YS5
YS4
YS3
YS2
YS1
YS0
2nd Parameter
1
1
0
YE7
YE6
YE5
YE4
YE3
YE2
YE1
YE0
NOTE: “-“ Don’t care
Description
This command is used to define area of frame memory where MCU can access.
This command makes no change on the other driver status.
The value of YS [7:0] and YE [7:0] are referred when RAMWR command comes.
Each value represents one column line in the Frame Memory.
Restriction
YS [7:0] always must be equal to or less than YE [7:0]
When YS [7:0] or YE [7:0] is greater than 83h, data of out of range will be ignored.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
XS [7:0]
XE [7:0]
Power On Sequence
00h
83h
S/W Reset
00h
83h
H/W Reset
00h
83h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com