Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 186 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 186 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 182Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 183Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 184Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 185Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 186Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 187Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 210 page
background image
ST7637
Ver 1.6
186/210
2009/03
11.4 Serial Interface Characteristics (3-pin Serial)
(VDD=2.8V, Ta= 25°C, die)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Serial clock period (write)
tSCYC
60
—
SCL “H” pulse width (write)
tSHW
30
—
SCL “L” pulse width (write)
tSLW
30
—
Serial clock period (read)
tSCYC
130
—
SCL “H” pulse width (read)
tSHW
65
—
SCL “L” pulse width (read)
SCL
tSLW
65
—
Data setup time
tSDS
10
—
Data hold time
tSDH
20
—
Data access time
tACC
CL=30pF
—
50
Output disable time
SI
tOH
CL=30pF
—
50
Chip select setup time
tCSS
30
—
Chip select hold time
tCSH
30
—
Chip select "H" pulse width
/CS
tCHW
0
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com