Electronic Components Datasheet Search
  English  ▼

X  

AS3524 Datasheet(PDF) 8 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 8 Page - ams AG

Back Button AS3524 Datasheet HTML 4Page - ams AG AS3524 Datasheet HTML 5Page - ams AG AS3524 Datasheet HTML 6Page - ams AG AS3524 Datasheet HTML 7Page - ams AG AS3524 Datasheet HTML 8Page - ams AG AS3524 Datasheet HTML 9Page - ams AG AS3524 Datasheet HTML 10Page - ams AG AS3524 Datasheet HTML 11Page - ams AG AS3524 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
8
- 124
4
Electrical Specifications
4.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those indicated under “Operating Conditions” is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The device should be operated under
recommended operating conditions.
Table 1
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VDDperi
-0.5
3.7
V
digital periphery supply voltage
VDDmem
-0.5
3.7
V
digital IO supply for MPMC PADs
USBVDDA33T
-0.5
3.7
V
USB analog supply transmit block
to be connected to UVDD
USBVDDA33C
-0.5
3.7
V
USB analog supply common block
to be connected to UVDD
VDDcore
-0.5
1.68
V
digital core supply voltage
VDDcoreana
-0.5
1.68
V
core supply for critical blocks (1-TRAM)
VDDAPLL
-0.5
1.68
V
core supply forPLLA, PLLB
VIN_5V
5V pins
-0.5
7.0
V
Applicable for pins VBUS
VIN_VSS
Voltage difference at VSS
terminals
-0.5
0.5
V
Applicable for pins vss_core, vss_peri,
vss_mem, usb_vssa33t, usb_vssa33c
Iscr
Input Current (latchup
immunity)
-100
100
mA
Norm: JEDEC 17
ESD
Electrostatic Discharge HBM
+/-1
kV
Norm: MIL 883 E method 3015
ESD_USB
Electrostatic Discharge HBM
for USB Pins
+/-2
kV
Norm: MIL 883 E method 3015
(Pins: usb_dp, usb_dm, usb_vbus)
Pt
Total Power Dissipation (all
supplies and outputs)
1000
mW
for CTBGA180 package
Tstrg
Storage Temperature
-55
125
°C
Tlead
Lead Temperature
240
°C
Norm: IPC/JEDEC J-SDT-020C
H
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com