Electronic Components Datasheet Search
  English  ▼

X  

AS3524 Datasheet(PDF) 10 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 10 Page - ams AG

Back Button AS3524 Datasheet HTML 6Page - ams AG AS3524 Datasheet HTML 7Page - ams AG AS3524 Datasheet HTML 8Page - ams AG AS3524 Datasheet HTML 9Page - ams AG AS3524 Datasheet HTML 10Page - ams AG AS3524 Datasheet HTML 11Page - ams AG AS3524 Datasheet HTML 12Page - ams AG AS3524 Datasheet HTML 13Page - ams AG AS3524 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
10
- 124
4.2.2 Operating Currents
Table 3
Supply currents
Symbol
Parameter
Typ
Max
Unit
Note
IDD_PERI_OP
Peripheral current
2
20
mA
IDD_MEM_OP
External memory interface current
-
20
mA (2)
IDD_CORE_OP
Digital core current
20
145
mA (1), (2)
IDD_USBA33T_OP USB transmitter current
30
mA
IDD_USBA33C_OP USB common blocks current
30
mA
Notes
(1) Typical condition for playback of MP3 music with 44.1 KHz / 128 kbit with 32
Ω headphones. No
external SDRAM connected. USB2.0 in standby.
(2) Maximum condition for ARM running at 250 MHz, AHB/APB bus and memory at 64 MHz, USB 2.0 in HS
operation.
In the case of standby mode or in the case of configuring the device to stopped clock, following current consumption is measured.
Table 4
Leakage currents
Symbol
Parameter
Typ
Max
Unit
Note
IDD_PERI_LEAK
4
mA
Including USBA33T, USBA33C
IDD_MEM_LEAK
800
μA
IDD_CORE_LEAK
3
mA
@ Tambient=25 O C
IDD_LEAK(VDDAPLL+C
OREANA)
1.5
mA
@ Tambient=25 O C
4.2.3 Temperature Range
Table 5
Temperature Range
Symbol
Parameter
Min
Typ
Max
Unit
Note
Top
Operating temperature range
0
25
85
°C
Tj
Junction temperature range
0
110
°C
Rth
Thermal Resistance
29
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com