Electronic Components Datasheet Search
  English  ▼

X  

AS3524 Datasheet(PDF) 9 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 9 Page - ams AG

Back Button AS3524 Datasheet HTML 5Page - ams AG AS3524 Datasheet HTML 6Page - ams AG AS3524 Datasheet HTML 7Page - ams AG AS3524 Datasheet HTML 8Page - ams AG AS3524 Datasheet HTML 9Page - ams AG AS3524 Datasheet HTML 10Page - ams AG AS3524 Datasheet HTML 11Page - ams AG AS3524 Datasheet HTML 12Page - ams AG AS3524 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
9
- 124
4.2
Operating Conditions
4.2.1 Supply Voltages
Following supply voltages for the digital system are generated by internal LDOs.
Table 2
Operating conditions for internal generated supply voltages
Symbol
Parameter
Min
Max
Unit
Note
VDDperi
3.0
3.6
V
digital periphery supply voltage
VDDmem
1.75
3.4
V
digital IO supply for MPMC PADs
VDDcore
1.08
1.25
V
digital core supply voltage
see Note (1)
VDDcoreana
1.08
1.25
V
core supply for critical blocks (1-TRAM)
VDDAPLL
1.08
1.25
V
core supply forPLLA, PLLB
USBVDDA33T
3.15
3.45
V
USB analog supply transmit block
to be connected to UVDD
USBVDDA33C
3.15
3.45
V
USB analog supply common block
to be connected to UVDD
Difference of Negative
Supplies
vss_peri, vss_core,
vss_core_ana, vss_mem,
vssa_pll, usb_vssa33c,
usb_vssa33t,
-0.1
0.1
V
To achieve good performance, the
negative supply terminals should be
connected to low impedance ground
plane.
Note(s)
(1) For the VDD_CORE supply, voltage scaling should be applied to optimize power consumption
and CPU speed performance. For normal operation with fclk (CPU ARM-922T clock) frequencies
below 200 MHz, CVDD (supply of VDD_CORE) can be set to a lower value of 1.10 V. Only for setting
fclk of the CPU to clock frequencies above 200 MHz, the VDD_CORE supply voltage must be set to
1.20 V typical conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com