Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 18 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 14Page - Texas Instruments XIO2221 Datasheet HTML 15Page - Texas Instruments XIO2221 Datasheet HTML 16Page - Texas Instruments XIO2221 Datasheet HTML 17Page - Texas Instruments XIO2221 Datasheet HTML 18Page - Texas Instruments XIO2221 Datasheet HTML 19Page - Texas Instruments XIO2221 Datasheet HTML 20Page - Texas Instruments XIO2221 Datasheet HTML 21Page - Texas Instruments XIO2221 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 196 page
background image
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
Table 2-1. 12 × 12 Terminals Sorted By Ball
Table 2-1. 12 × 12 Terminals Sorted By Ball
Number (continued)
Number (continued)
BALL NO.
TERMINAL NAME
BALL NO.
TERMINAL NAME
H10
VDD_33
M05
VDD_33
H12
SDA
M06
VDD_15
H13
REFCLK_SEL
M07
PLLVDD_CORE
H14
RSVD
M08
RSVD
J01
CTL1
M09
DVDD_CORE
J02
D0
M10
AVDD_3.3
J03
DVDD_3.3
M11
RSVD
J05
GND
M12
RSVD
J06
GND
M13
RSVD
J07
GND
M14
TPB0+
J08
GND
N01
R0
J09
AVDD_3.3
N02
GPIO1
J10
VDD_33
N03
GPIO3
J12
CLKREQ
N04
GPIO4
J13
SCL
N05
PLLGND
J14
RSVD
N06
GPIO7
K01
D2
N07
PLLVDD_3.3
K02
D1
N08
CYCLEOUT
K03
DVDD_3.3
N09
DS0
K05
GND
N10
RSVD
K06
GND
N11
RSVD
K07
GND
N12
RSVD
K08
GND
N13
RSVD
K09
AVDD_3.3
N14
TPB0–
K10
VDD_15
P01
GPIO0
K12
RSVD
P02
GPIO2
K13
TPBIAS0
P03
RSVD
K14
TPA0+
P04
XI
L01
D3
P05
GPIO5
L02
D4
P06
GPIO6
L03
D5
P07
VDD_15
L12
RSVD
P08
OHCI_PME
L13
RSVD
P09
DS1
L14
TPA0–
P10
RSVD
M01
R1
P11
RSVD
M02
D6
P12
CPS
M03
D7
P13
SE
M04
AVDD_3.3
P14
SM
18
Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com