Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 22 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 18Page - Texas Instruments XIO2221 Datasheet HTML 19Page - Texas Instruments XIO2221 Datasheet HTML 20Page - Texas Instruments XIO2221 Datasheet HTML 21Page - Texas Instruments XIO2221 Datasheet HTML 22Page - Texas Instruments XIO2221 Datasheet HTML 23Page - Texas Instruments XIO2221 Datasheet HTML 24Page - Texas Instruments XIO2221 Datasheet HTML 25Page - Texas Instruments XIO2221 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 196 page
background image
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
Table 2-3. Power-Supply Terminals
I/O
EXTERNAL
SIGNAL
BALL NO.
DESCRIPTION
TYPE
PARTS
VDD_15
G03 H03 K10
PWR
Bypass
1.5-V digital core power for the link
M06 B08 P07
capacitors
VDDA_15
B10 B09 B07
PWR
Filter
1.5-V analog power for the link
B05
VDD_33
E03 M05 J10
PWR
Bypass
3.3-V digital I/O power for the link
H10 G10
capacitors
VDD_33_AUX
B12
This terminal is connected to VSS through a pulldown resistor, since
the XIO2221 does not support auxiliary power.
VDDA_33
C03 A10
PWR
Filter
3.3-V analog power for the link. This supply terminal is separated from
the other power terminals internal to the device to provide noise
isolation.
DVDD_CORE
C09 F03 M09
PWR
Bypass
Digital 1.95-V circuit power for the PHY. A combination of
capacitors
high-frequency decoupling capacitors near each terminal is suggested,
such as paralleled 0.1 mF and 0.001 mF. An additional 1-mF capacitor is
required for voltage regulation. These supply terminals are separated
from the other power terminals internal to the device to provide noise
isolation.
PLLVDD_CORE
M07
PWR
Bypass
PLL 1.95-V circuit power for the PHY. A combination of high-frequency
capacitors
decoupling capacitors near each terminal is suggested, such as
paralleled 0.1 mF and 0.001 mF. An additional 1-mF capacitor is required
for voltage regulation, and the PLLVDD_CORE terminals must be
separate from the DVDD_CORE terminals. These supply terminals are
separated from the other power terminals internal to the device to
provide noise isolation.
DVDD_33
C08 J03 K03
PWR
Bypass
3.3-V digital I/O power for the PHY
capacitors
AVDD_33
M04 E10 F10
PWR
Filter
3.3-V analog power for the PHY
J09 K09 M10
PLLVDD_33
N07
PWR
Filter
PLL 3.3-V circuit power for the PHY. This supply terminal is separated
from the other power terminals internal to the device to provide noise
isolation. A combination of high-frequency decoupling capacitors near
the terminal are suggested, such as paralleled .1uF and .001uF. Lower
frequency 10uF filtering capacitors are also recommended.
VDD_15_COMB
C12
PWR
Bypass
Internal 1.5-V main power output for external bypass capacitor filtering
capacitors
Caution: Do not use this terminal to supply external power to other
devices.
VDD_33_COMB
B11
PWR
Bypass
Internal 3.3-V main power output for external bypass capacitor filtering
capacitors
Caution: Do not use this terminal to supply external power to other
devices.
VDD_33_COMBIO
C11
PWR
Bypass
Internal 3.3-V IO power output for external bypass capacitor filtering
capacitors
Caution: Do not use this terminal to supply external power to other
devices.
22
Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com