Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 35 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 31Page - Texas Instruments XIO2221 Datasheet HTML 32Page - Texas Instruments XIO2221 Datasheet HTML 33Page - Texas Instruments XIO2221 Datasheet HTML 34Page - Texas Instruments XIO2221 Datasheet HTML 35Page - Texas Instruments XIO2221 Datasheet HTML 36Page - Texas Instruments XIO2221 Datasheet HTML 37Page - Texas Instruments XIO2221 Datasheet HTML 38Page - Texas Instruments XIO2221 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 196 page
background image
SCL
SDA
VDD_33
A0
A1
A2
SCL
SDA
XIO2221
Serial
EEPROM
XIO2221
www.ti.com
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
3.5
Two-Wire Serial-Bus Interface
The bridge provides a two-wire serial-bus interface to load subsystem identification information and
specific register defaults from an external EEPROM. The serial-bus interface signals are SCL and SDA.
3.5.1
Serial-Bus Interface Implementation
To enable the serial-bus interface, a pullup resistor must be implemented on the SDA signal. At the rising
edge of PERST or GRST, whichever occurs later in time, the SDA terminal is checked for a pullup
resistor. If one is detected, bit 3 (SBDETECT) in the serial-bus control and status register (see
Section 4.59) is set. Software may disable the serial-bus interface at any time by writing a 0b to the
SBDETECT bit. If no external EEPROM is required, the serial-bus interface is permanently disabled by
attaching a pulldown resistor to the SDA signal.
The bridge implements a two-terminal serial interface with one clock signal (SCL) and one data signal
(SDA). The SCL signal is a unidirectional output from the bridge and the SDA signal is bidirectional. Both
are open-drain signals and require pullup resistors. The bridge is a bus master device and drives SCL at
approximately 60 kHz during data transfers and places SCL in a high-impedance state (0 frequency)
during bus idle states. The serial EEPROM is a bus slave device and must acknowledge a slave address
equal to A0h. Figure 3-6 shows an example application implementing the two-wire serial bus.
Figure 3-6. Serial EEPROM Application
Copyright © 2009–2010, Texas Instruments Incorporated
Feature/Protocol Descriptions
35
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com