Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 87 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 83Page - Texas Instruments XIO2221 Datasheet HTML 84Page - Texas Instruments XIO2221 Datasheet HTML 85Page - Texas Instruments XIO2221 Datasheet HTML 86Page - Texas Instruments XIO2221 Datasheet HTML 87Page - Texas Instruments XIO2221 Datasheet HTML 88Page - Texas Instruments XIO2221 Datasheet HTML 89Page - Texas Instruments XIO2221 Datasheet HTML 90Page - Texas Instruments XIO2221 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 196 page
background image
XIO2221
www.ti.com
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
Table 4-40. General Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
19(1)
READ_
RW
Read prefetch disable. This bit controls the prefetch functionality on PCI memory read
PREFETCH_ DIS
transactions.
0 = Prefetch to the next cache line boundary on a burst read (default)
1 = Fetch only a single DWORD on a burst read
Note: When this bit is set, the PREFETCH_4X bit in the TL control and diagnostic register shall
have no effect on the design. This bit shall only affect the XIO2221 when the
EN_CACHE_LINE_CHECK bit in the TL control and diagnostic register is set.
18:16(1)
L0s_LATENCY
RW
L0s maximum exit latency. This field programs the maximum acceptable latency when exiting the
L0s state. This sets bits 8:6 (EP_L0S_LAT) in the device capabilities register (offset 94h, see
Section 4.50).
000 = Less than 64 ns (default)
001 = 64 ns up to less than 128 ns
010 = 128 ns up to less than 256 ns
011 = 256 ns up to less than 512 ns
100 = 512 ns up to less than 1 s
101 = 1 s up to less than 2 s
110 = 2 s to 4 s
111 = More than 4 s
15:13(3)
L1_LATENCY
RW
L1 maximum exit latency. This field programs the maximum acceptable latency when exiting the
L1 state. This sets bits 11:9 (EP_L1_LAT) in the device capabilities register (offset 94h, see
Section 4.50).
000 = Less than 1 s (default)
001 = 1 s up to less than 2 s
010 = 2 s up to less than 4 s
011 = 4 s up to less than 8 s
100 = 8 s up to less than 16 s
101 = 6 s up to less than 32 s
110 = 32 s to 64 s
111 = More than 64 s
12(3)
VC_CAP_EN
R
VC capability structure enable. This bit enables the VC capability structure by changing the next
offset field of the advanced error reporting capability register at offset 102h. This bit is a read only
0b indicating that the VC capability structure is permanently disabled.
0 = VC capability structure disabled (offset field = 000h)
1 = VC capability structure enabled (offset field = 150h)
11(3)
BPCC_E
RW
Bus power clock control enable. This bit controls whether the secondary bus PCI clocks are
stopped when the XIO2221 is placed in the D3 state. It is assumed that if the secondary bus
clocks are required to be active that a reference clock continues to be provided on the PCIe
interface.
0 = Secondary bus clocks are not stopped in D3 (default).
1 = Secondary bus clocks are stopped on D3.
10(4)
BEACON_
RW
Beacon enable. This bit controls the mechanism for waking up the physical PCIe link when in L2.
ENABLE
0 = WAKE mechanism is used exclusively. Beacon is not used (default).
1 = Beacon and WAKE mechanisms are used.
9:8(3)
MIN_POWER_
RW
Minimum power scale. This value is programmed to indicate the scale of bits 7:0
SCALE
(MIN_POWER_VALUE).
00 = 1.0x
01 = 0.1x
10 = 0.01x (default)
11 = 0.001x
7:0(3)
MIN_POWER_
RW
Minimum power value. This value is programmed to indicate the minimum power requirements.
VALUE
This value is multiplied by the minimum power scale field (bits 9:8) to determine the minimum
power requirements for the bridge. The default is 5Fh, indicating that XIO2221 requires 0.95 W of
power. This field can be reprogrammed through an EEPROM or the system BIOS.
(3)
These bits shall only be reset by a fundamental reset (FRST). FRST is asserted (low) whenever PERST or GRST is asserted.
(4)
These bits are reset only by a global reset (GRST) or the internally generated power-on reset.
Copyright © 2009–2010, Texas Instruments Incorporated
Classic PCI Configuration Space
87
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com