Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 15 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 11Page - Texas Instruments XIO2221 Datasheet HTML 12Page - Texas Instruments XIO2221 Datasheet HTML 13Page - Texas Instruments XIO2221 Datasheet HTML 14Page - Texas Instruments XIO2221 Datasheet HTML 15Page - Texas Instruments XIO2221 Datasheet HTML 16Page - Texas Instruments XIO2221 Datasheet HTML 17Page - Texas Instruments XIO2221 Datasheet HTML 18Page - Texas Instruments XIO2221 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 196 page
background image
XIO2221
www.ti.com
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
The XIO2221 requires an external 98.304-MHz crystal oscillator to generate a reference clock. The
external clock drives an internal phase-locked loop (PLL), which generates the required reference signal.
This reference signal provides the clock signals that control transmission of the outbound encoded
information. The power-down (PD) function, when enabled by asserting the PD terminal high, stops
operation of the PLL. Data bits to be transmitted through the cable ports are latched internally, combined
serially, encoded, and transmitted at 98.304, 196.608, 393.216, 491.52, or 983.04 Mbit/s (referred to as
S100, S200, S400, S400B, or S800 speed, respectively) as the outbound information stream.
To ensure that the XIO2221 conforms to IEEE Std 1394b-2002, the BMODE terminal must be asserted.
The BMODE terminal does not select the cable-interface mode of operation. BMODE selects the internal
PHY-section/LLC-section interface mode of operation and affects the arbitration modes on the cable.
BMODE must be pulled high during normal operation.
Three package terminals are used as inputs to set the default value for three configuration status bits in
the self-ID packet. They can be pulled high through a 1-k
Ω resistor or hardwired low as a function of the
equipment design. The PC0, PC1, and PC2 terminals indicate the default power class status for the node
(the need for power from the cable or the ability to supply power to the cable). The contender bit in the
PHY register set indicates that the node is a contender either for the isochronous resource manager (IRM)
or for the bus manager (BM). On the XIO2221, this bit can only be set by a write to the PHY register set. If
a node is to be a contender for IRM or BM, the node software must set this bit in the PHY register set.
Copyright © 2009–2010, Texas Instruments Incorporated
Overview
15
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com