Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 48 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 44Page - Texas Instruments XIO2221 Datasheet HTML 45Page - Texas Instruments XIO2221 Datasheet HTML 46Page - Texas Instruments XIO2221 Datasheet HTML 47Page - Texas Instruments XIO2221 Datasheet HTML 48Page - Texas Instruments XIO2221 Datasheet HTML 49Page - Texas Instruments XIO2221 Datasheet HTML 50Page - Texas Instruments XIO2221 Datasheet HTML 51Page - Texas Instruments XIO2221 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 196 page
background image
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
4.4
Status Register
The status register provides information about the PCIe interface to the system. See Table 4-3 for a
complete description of the register contents.
PCI register offset:
06h
Register type:
Read only, Read/Clear
Default value:
0010h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
Table 4-3. Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
PAR_ERR
RCU
Detected parity error. This bit is set when the PCIe interface receives a poisoned TLP. This
bit is set regardless of the state of bit 6 (PERR_ENB) in the command register (offset 04h,
see Section 4.3).
0 = No parity error detected
1 = Parity error detected
14
SYS_ERR
RCU
Signaled system error. This bit is set when the bridge sends an ERR_FATAL or
ERR_NONFATAL message and bit 8 (SERR_ENB) in the command register (offset 04h,
see Section 4.3) is set.
0 = No error signaled
1 = ERR_FATAL or ERR_NONFATAL signaled
13
MABORT
RCU
Received master abort. This bit is set when the PCIe interface of the bridge receives a
completion-with-unsupported-request status.
0 = Unsupported request not received on the PCIe interface
1 = Unsupported request received on the PCIe interface
12
TABORT_REC
RCUT
Received target abort. This bit is set when the PCIe interface of the bridge receives a
completion-with-completer-abort status.
0 = Completer abort not received on the PCIe interface
1 = Completer abort received on the PCIe interface
11
TABORT_SIG
RCUT
Signaled target abort. This bit is set when the PCIe interface completes a request with
completer abort status.
0 = Completer abort not signaled on the PCIe interface
1 = Completer abort signaled on the PCIe interface
10:9
PCI_SPEED
R
DEVSEL timing. These bits are read-only 00b, because they do not apply to PCIe.
8
DATAPAR
RCU
Master data parity error. This bit is set if bit 6 (PERR_ENB) in the command register (offset
04h, see Section 4.3) is set and the bridge receives a completion with data marked as
poisoned on the PCIe interface or poisons a write request received on the PCIe interface.
0 = No uncorrectable data error detected on the primary interface
1 = Uncorrectable data error detected on the primary interface
7
FBB_CAP
R
Fast back-to-back capable. This bit does not have a meaningful context for a PCIe device
and is hardwired to 0b.
6
RSVD
R
Reserved. Returns 0b when read.
5
66MHZ
R
66-MHz capable. This bit does not have a meaningful context for a PCIe device and is
hardwired to 0b.
4
CAPLIST
R
Capabilities list. This bit returns 1b when read, indicating that the bridge supports additional
PCI capabilities.
3
INT_STATUS
R
Interrupt status. This bit reflects the interrupt status of the function. This bit is read-only 0b
since the bridge does not generate any interrupts internally.
2:0
RSVD
R
Reserved. Returns 000b when read.
48
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com