Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 16 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 12Page - Texas Instruments XIO2221 Datasheet HTML 13Page - Texas Instruments XIO2221 Datasheet HTML 14Page - Texas Instruments XIO2221 Datasheet HTML 15Page - Texas Instruments XIO2221 Datasheet HTML 16Page - Texas Instruments XIO2221 Datasheet HTML 17Page - Texas Instruments XIO2221 Datasheet HTML 18Page - Texas Instruments XIO2221 Datasheet HTML 19Page - Texas Instruments XIO2221 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 196 page
background image
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
2.2
Related Documents
•
PCI Express™ to PCI/PCI-X Bridge Specification, Revision 1.0
•
PCI Express™ Base Specification, Revision 1.1
•
PCI Express™ Card Electromechanical Specification, Revision 1.1
•
PCI Local Bus Specification, Revision 2.3 and Revision 3.0
•
PCI-to-PCI Bridge Architecture Specification, Revision 1.1
•
PCI Bus Power-Management Interface Specification, Revision 1.1 and Revision 1.2
•
1394 Open Host Controller Interface (OHCI) Specification, Release 1.2
•
High-Performance Serial Bus, IEEE Std 1394-1995
•
High-Performance Serial Bus, Amendment 1, IEEE Std 1394a-2000
•
High-Performance Serial Bus, Amendment 2, IEEE Std 1394b-2002
•
Express Card Standard, Release 1.0 and Release 1.1
•
PCI Express™ Jitter and BER white paper
•
PCI Mobile Design Guide, Revision 1.1
2.3
Documents Conventions
Throughout this data manual, several conventions are used to convey information. These conventions are:
•
To identify a binary number or field, a lower-case b follows the numbers. For example, 000b is a 3-bit
binary field.
•
To identify a hexadecimal number or field, a lower-case h follows the numbers. For example, 8AFh is a
12-bit hexadecimal field.
•
All other numbers that appear in this document that do not have either a b or h following the number
are assumed to be decimal format.
•
If the signal or terminal name has a bar above the name (for example, GRST), this indicates the logical
NOT function. When asserted, this signal is a logic low, 0, or 0b.
•
Differential signal names end with P, N, +, or – designators. The P or + designators signify the positive
signal associated with the differential pair. The N or – designators signify the negative signal
associated with the differential pair.
•
RSVD indicates that the referenced item is reserved.
•
In Sections 4 through 6, the configuration space for the bridge is defined. For each register bit, the
software access method is identified in an access column. The legend for this access column includes
the following entries:
–
R: Read access by software
–
U: Updates by the bridge internal hardware
–
W: Write access by software
–
C: Clear an asserted bit with a write back of 1b by software. Write of zero to the field has no effect.
–
S: The field may be set by a write of one. Write of zero to the field has no effect.
–
NA: Not accessible or not applicable
•
The XIO2221 consists of a PCIe to PCI translation bridge, where the secondary PCI bus is internally
connected to a 1394b OHCI with a 1-port PHY. When describing functionality that is specific to the
PCIe to PCI translation bridge, the term bridge is used to reduce text. The term 1394b OHCI is used to
reduce text when describing the 1394b OHCI with 1-port PHY function.
•
LLC refers to the 1394 link layer controller.
2.4
Ordering Information
PACKAGE
VOLTAGE
ORDERABLE PART NUMBER
167-terminal (Lead-Free) PBGA – ZAY
3.3-V and 1.5-V power terminals
XIO2221ZAY
16
Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com