Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 38 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 34Page - Texas Instruments XIO2221 Datasheet HTML 35Page - Texas Instruments XIO2221 Datasheet HTML 36Page - Texas Instruments XIO2221 Datasheet HTML 37Page - Texas Instruments XIO2221 Datasheet HTML 38Page - Texas Instruments XIO2221 Datasheet HTML 39Page - Texas Instruments XIO2221 Datasheet HTML 40Page - Texas Instruments XIO2221 Datasheet HTML 41Page - Texas Instruments XIO2221 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 196 page
background image
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
Bit 7 (PROT_SEL) in the serial-bus control and status register changes the serial-bus protocol. Each of
the three previous serial-bus protocol figures show the PROT_SEL bit default (logic low). When this
control bit is asserted, the word address and corresponding acknowledge are removed from the serial-bus
protocol. This feature allows the system designer a second serial-bus protocol option when selecting
external EEPROM devices.
3.5.3
Serial-Bus EEPROM Application
The registers and corresponding bits that are loaded through the EEPROM are provided in Table 3-4.
Table 3-4. EEPROM Register Loading Map
SERIAL EEPROM
BYTE DESCRIPTION
WORD ADDRESS
00h
PCIe to PCI bridge function indicator (00h)
01h
Number of bytes to download (1Eh)s
02h
PCI 84h, subsystem vendor ID, byte 0
03h
PCI 85h, subsystem vendor ID, byte 1
04h
PCI 86h, subsystem ID, byte 0s
05h
PCI 87h, subsystem ID, byte 1s
06h
PCI D4h, general control, byte 0
07h
PCI D5h, general control, byte 1
08h
PCI D6h, general control, byte 2
09h
PCI D7h, general control, byte 3
0Ah
TI Proprietary register load 00h (PCI D8h)
0Bh
TI Proprietary register load 00h (PCI D9h)
0Ch
Reserved — no bits loaded 00h (PCI DAh)
0Dh
PCI DCh, arbiter control
0Eh
PCI DDh, arbiter request mask
0Fh
PCI C0h, TL control and diagnostic register, byte 0
10h
PCI C0h, TL control and diagnostic register, byte 1
11h
PCI C0h, TL control and diagnostic register, byte 2
12h
PCI C0h, TL control and diagnostic register, byte 3
13h
PCI C4h, DLL control and diagnostic register, byte 0
14h
PCI C5h, DLL control and diagnostic register, byte 1
15h
PCI C6h, DLL control and diagnostic register, byte 2
16h
PCI C7h, DLL control and diagnostic register, byte 3
17h
PCI C8h, PHY control and diagnostic register, byte 0
18h
PCI C9h, PHY control and diagnostic register, byte 1
19h
PCI CAh, PHY control and diagnostic register, byte 2
1Ah
PCI CBh, PHY control and diagnostic register, byte 3
1Bh
Reserved — no bits loaded 00h (PCI CEh)
1Ch
Reserved — no bits loaded 00h (PCI CFh)
1Dh
TI proprietary register load 00h (PCI E0h)
1Eh
TI proprietary register load 00h (PCI E2h)
1Fh
TI proprietary register load 00h (PCI E3h)
20h
1394 OHCI function indicator (01h)
21h
Number of bytes (18h)
22h
PCI 3Fh, maximum latency, bits 7-4
PCI 3Eh, minimum grant, bits 3-0
23h
PCI 2Ch, subsystem vendor ID, byte 0
24h
PCI 2Dh, subsystem vendor ID, byte 1
38
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com