Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 29 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 25Page - Texas Instruments XIO2221 Datasheet HTML 26Page - Texas Instruments XIO2221 Datasheet HTML 27Page - Texas Instruments XIO2221 Datasheet HTML 28Page - Texas Instruments XIO2221 Datasheet HTML 29Page - Texas Instruments XIO2221 Datasheet HTML 30Page - Texas Instruments XIO2221 Datasheet HTML 31Page - Texas Instruments XIO2221 Datasheet HTML 32Page - Texas Instruments XIO2221 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 196 page
background image
VDD_15and
VDDA_15
VDD_33and
VDDA_33
REFCLK
PERST
100ms
100 ms
XIO2221
www.ti.com
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
3.1.1
Power-Up Sequence
1. Assert PERST to the device.
2. Apply 1.5-V and 3.3-V voltages.
3. Apply a stable PCIe reference clock.
4. To meet PCIe specification requirements, PERST cannot be deasserted until the following two delay
requirements are satisfied:
–
Wait a minimum of 100 s after applying a stable PCIe reference clock. The 100-s limit satisfies the
requirement for stable device clocks by the deassertion of PERST.
–
Wait a minimum of 100 ms after applying power. The 100-ms limit satisfies the requirement for
stable power by the deassertion of PERST.
See the power-up sequencing diagram in Figure 3-2.
Figure 3-2. Power-Up Sequence
Copyright © 2009–2010, Texas Instruments Incorporated
Feature/Protocol Descriptions
29
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com