Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 40 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 36Page - Texas Instruments XIO2221 Datasheet HTML 37Page - Texas Instruments XIO2221 Datasheet HTML 38Page - Texas Instruments XIO2221 Datasheet HTML 39Page - Texas Instruments XIO2221 Datasheet HTML 40Page - Texas Instruments XIO2221 Datasheet HTML 41Page - Texas Instruments XIO2221 Datasheet HTML 42Page - Texas Instruments XIO2221 Datasheet HTML 43Page - Texas Instruments XIO2221 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 196 page
background image
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
3.5.4
Accessing Serial-Bus Devices Through Softwaree
The bridge provides a programming mechanism to control serial-bus devices through system software.
The programming is accomplished through a doubleword of PCI configuration space at offset B0h.
Table 3-5 lists the registers that program a serial-bus device through software.
Table 3-5. Registers Used To Program Serial-Bus Devices
PCI OFFSET
REGISTER NAME
DESCRIPTION
B0h
Serial-bus data
Contains the data byte to send on write commands or the received data byte on read
(see Section 4.56)
commands.
B1h
Serial-bus word address
The content of this register is sent as the word address on byte writes or reads. This register is
(see Section 4.57)
not used in the quick command protocol. Bit 7 (PROT_SEL) in the serial-bus control and status
register (offset B3h, see Section 4.59) is set to 1b to enable the slave address to be sent.
B2h
Serial-bus slave address
Write transactions to this register initiate a serial-bus transaction. The slave device address and
(see Section 4.58)
the R/W command selector are programmed through this register.
B3h
Serial-bus control and
Serial interface enable, busy, and error status are communicated through this register. In
status (see Section 4.59)
addition, the protocol-select bit (PROT_SEL) and serial-bus test bit (SBTEST) are programmed
through this register.
To access the serial EEPROM through the software interface, the following steps are performed:
1. The control and status byte is read to verify the EEPROM interface is enabled (SBDETECT asserted)
and not busy (REQBUSY and ROMBUSY deasserted).
2. The serial-bus word address is loaded. If the access is a write, the data byte is also loaded.
3. The serial-bus slave address and R/W command selector byte is written.
4. REQBUSY is monitored until this bit is deasserted.
5. SB_ERR is checked to verify that the serial-bus operation completed without error. If the operation is a
read, the serial-bus data byte is now valid.
3.6
Advanced Error Reporting Registers
In the extended PCIe configuration space, the bridge supports the advanced error reporting capabilities
structure. For the PCIe interface, both correctable and uncorrectable error statuses are provided. For the
PCI bus interface, secondary uncorrectable error status is provided. All uncorrectable status bits have
corresponding mask and severity control bits. For correctable status bits, only mask bits are provided.
Both the primary and secondary interfaces include first error pointer and header log registers. When the
first error is detected, the corresponding bit position within the uncorrectable status register is loaded into
the first error pointer register. Likewise, the header information associated with the first failing transaction
is loaded into the header log. To reset this first error control logic, the corresponding status bit in the
uncorrectable status register is cleared by a writeback of 1b.
For systems that require high data reliability, ECRC is fully supported on the PCIe interface. The
primary-side advanced error capabilities and control register has both ECRC generation and checking
enable control bits. When the checking bit is asserted, all received TLPs are checked for a valid ECRC
field. If the generation bit is asserted, all transmitted TLPs contain a valid ECRC field.
3.7
Data Error Forwarding Capability
The bridge supports the transfer of data errors in both directions.
If a downstream PCIe transaction with a data payload is received that targets the internal PCI bus and the
EP bit is set indicating poisoned data, the bridge must ensure that this information is transferred to the PCI
bus. To do this, the bridge forces a parity error on each PCI bus data phase by inverting the parity bit
calculated for each double word of data.
40
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com