Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 34 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 30Page - Texas Instruments XIO2221 Datasheet HTML 31Page - Texas Instruments XIO2221 Datasheet HTML 32Page - Texas Instruments XIO2221 Datasheet HTML 33Page - Texas Instruments XIO2221 Datasheet HTML 34Page - Texas Instruments XIO2221 Datasheet HTML 35Page - Texas Instruments XIO2221 Datasheet HTML 36Page - Texas Instruments XIO2221 Datasheet HTML 37Page - Texas Instruments XIO2221 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 196 page
background image
R
+0
+1
+2
+3
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Type
Fmt
0
1
1
0
1
0
0
R
TC
Reserved
ReservedID
0
0
0
Reserved
Tag
R
Length
Code
Attr
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
E
T
P
D
0
0
Byte0>
Byte4>
Byte8>
Byte12>
R
+0
+1
+2
+3
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Type
Fmt
0
1
1
0
1
0
0
R
TC
Reserved
ReservedID
0
0
0
Reserved
Tag
R
Length
Code
Attr
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
1
0
0
E
T
P
D
0
0
Byte0>
Byte4>
Byte8>
Byte12>
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
3.4
PCI Interrupt Conversion to PCIe Messages
The bridge converts interrupts from the PCI bus sideband interrupt signals to PCIe interrupt messages.
Since the 1394a OHCI only generates INTA interrupts, only PCIe INTA messages are generated by the
bridge.
PCIe Assert_INTA messages are generated when the 1394a OHCI signals an INTA interrupt. The
requester ID portion of the Assert_INTA message uses the value stored in the primary bus number
register (see Section 4.12) as the bus number, 0 as the device number, and 0 as the function number.
The tag field for each Assert_INTA message is 00h.
PCIe Deassert_INTA messages are generated when the 1394a OHCI deasserts the INTA interrupt. The
requester ID portion of the Deassert_INTA message uses the value stored in the primary bus number
register as the bus number, 0 as the device number, and 0 as the function number. The Tag field for each
Deassert_INTA message is 00h.
Figure 3-4 and Figure 3-5 show the format for both the assert and deassert INTA messages.
Figure 3-4. PCIe Assert_INTA Message
Figure 3-5. PCIe Deassert_INTX Message
34
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com