Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 23 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 19Page - Texas Instruments XIO2221 Datasheet HTML 20Page - Texas Instruments XIO2221 Datasheet HTML 21Page - Texas Instruments XIO2221 Datasheet HTML 22Page - Texas Instruments XIO2221 Datasheet HTML 23Page - Texas Instruments XIO2221 Datasheet HTML 24Page - Texas Instruments XIO2221 Datasheet HTML 25Page - Texas Instruments XIO2221 Datasheet HTML 26Page - Texas Instruments XIO2221 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 196 page
background image
XIO2221
www.ti.com
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
Table 2-4. Ground Terminals
I/O
SIGNAL
BALL NO.
DESCRIPTION
TYPE
VSS
A07 A14
GND
Digital ground for link
VSSA
B06 C10 F05
GND
Analog ground for link
VSSA_PCIE
C04 C05 C06 C07
GND
Analog ground for PCIe function
PLLGND
N05
GND
PLL circuit ground. This terminal must be tied to the low-impedance
circuit-board ground plane.
GND
E06 E07 F06 F07 F08 F09
GND
Ground. These terminals must be tied together to the low-impedance
G05 G06 G07 G08 G09 H05
circuit-board ground plane.
H06 H07 H08 H09 J05 J06
J07 J08 K05 K06 K07 K08
Table 2-5. PCIe Terminals
I/O
EXTERNAL
SIGNAL
BALL NO.
DESCRIPTION
TYPE
PARTS
PERST
B13
I
PCI Express reset. PERST identifies when the system power is stable and
generates an internal power-on reset.
Note: The PERST input buffer has hysteresis.
REF0_PCIE
A13
I/O
External
External reference resistor + and terminals for setting TX driver current. An
REF1_PCIE
A12
resistor
external resistor is connected between terminals REF0_PCIE and
REF1_PCIE.
RXP
A04
DI
High-speed receive pair. RXP and RXN comprise the differential receive pair
RXN
A03
for the single PCIe lane supported.
TXP
A09
DO
Series
High-speed transmit pair. TXP and TXN comprise the differential transmit pair
TXN
A08
capacitors
for the single PCIe lane supported.
Table 2-6. Clock Terminals
I/O
EXTERNAL
SIGNAL
BALL NO.
DESCRIPTION
TYPE
PARTS
REFCLK_SEL
H13
I
Pullup or
Reference clock select. This terminal selects the reference clock input.
pulldown
0 = 100-MHz differential common reference clock used
resistor
1 = 125-MHz single-ended reference clock used
REFCLK+
A01
DI
Reference clock positive. REFCLK+ and REFCLK– comprise the differential
input pair for the 100-MHz system reference clock. For a single-ended,
125-MHz system reference clock, use the REFCLK+ input.
REFCLK–
B01
DI
Capacitor to
Reference clock negative. REFCLK+ and REFCLK– comprise the differential
VSS for
input pair for the 100-MHz system reference clock. For a single-ended,
single-ended
125-MHz system reference clock, attach a capacitor from REFCLK– to VSS.
mode
CLKREQ
J12
O
Clock request. This terminal is used to support the clock request protocol.
XI
P04
I
Oscillator input. This terminal connects to a 98.304-MHz low-jitter external
oscillator. XI is a 1.8-V CMOS input. Oscillator jitter must be 5-ps RMS or
better. If only 3.3-V oscillators can be acquired, great care must be taken to not
introduce significant jitter by the means used to level shift from 3.3 V to 1.8 V. If
a resistor divider is used, a high-current oscillator and low-value resistors must
be used to minimize RC time constants.
Copyright © 2009–2010, Texas Instruments Incorporated
Overview
23
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com