Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 82 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 78Page - Texas Instruments XIO2221 Datasheet HTML 79Page - Texas Instruments XIO2221 Datasheet HTML 80Page - Texas Instruments XIO2221 Datasheet HTML 81Page - Texas Instruments XIO2221 Datasheet HTML 82Page - Texas Instruments XIO2221 Datasheet HTML 83Page - Texas Instruments XIO2221 Datasheet HTML 84Page - Texas Instruments XIO2221 Datasheet HTML 85Page - Texas Instruments XIO2221 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 196 page
background image
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
Table 4-36. Control and Diagnostic Register 0 Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
6(1)
PREFETCH_4X
RW
Prefetch 4× enable
0 = Bridge prefetches up to two cache lines, as defined in the cache line size
register (offset 0Ch, see Section 7.6) for upstream memory read multiple (MRM)
transactions (default).
1 = Bridge prefetches up to four cache lines, as defined in the cache line size
register (offset 0Ch, see Section 7.6) for upstream memory read multiple (MRM)
transactions.
Note: When this bit is set and the FORCE_MRM bit in the general control register is
set, both upstream memory read multiple transactions and upstream memory
transactions prefetch up to four cache lines.
Note: When the READ_PREFETCH_DIS bit in the general control register is set, this bit
has no effect and only one DWORD will be fetched on a burst read.
This bit only affects the XIO2221 design when the EN_CACHE_LINE_CHECK bit is set.
5:4(1)
UP_REQ_BUF_VALUE
RW
PCI upstream req-res buffer threshold value. The value in this field controls the buffer
space that must be available for the device to accept a PCI bus transaction. If the
cache line size is not valid, the device will use eight DW for calculating the threshold
value.
00 = 1 cache line + 4 DW (default)
01 = 1 cache line + 8 DW
10 = 1 cache line + 12 DW
11 = 2 cache lines + 4 DW
3(1)
UP_REQ_BUF_CTRL
RW
PCI upstream req-res buffer threshold control. This bit enables the PCI upstream
req-res buffer threshold control mode of the bridge.
0 = PCI upstream req-res buffer threshold control mode disabled (default)
1 = PCI upstream req-res buffer threshold control mode enabled
2(1)
CFG_ACCESS_MEM_RE
RW
Configuration access to memory-mapped registers. When this bit is set, the bridge
G
allows configuration access to memory-mapped configuration registers.
1(1)
RSVD
RW
Reserved. Bit 1 defaults to 0b. If this register is programmed via EEPROM or another
mechanism, the value written into this field must be 0b.
0
RSVD
R
Reserved. Returns 0b when read.
82
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com