Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 32 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 28Page - Texas Instruments XIO2221 Datasheet HTML 29Page - Texas Instruments XIO2221 Datasheet HTML 30Page - Texas Instruments XIO2221 Datasheet HTML 31Page - Texas Instruments XIO2221 Datasheet HTML 32Page - Texas Instruments XIO2221 Datasheet HTML 33Page - Texas Instruments XIO2221 Datasheet HTML 34Page - Texas Instruments XIO2221 Datasheet HTML 35Page - Texas Instruments XIO2221 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 196 page
background image
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
3.3
PCI Express (PCIe) Interface
3.3.1
External Reference Clock
The XIO2221 requires either a differential, 100-MHz common clock reference or a single-ended, 125-MHz
clock reference. The selected clock reference must meet all PCI Express Electrical Specification
requirements for frequency tolerance, spread-spectrum clocking, and signal electrical characteristics.
If the REFCLK_SEL input is connected to VSS, a differential, 100-MHz common clock reference is
expected by the XIO2221. If the REFCLK_SEL terminal is connected to VDD_33, a single-ended 125-MHz
clock reference is expected by the XIO2221.
When the single-ended, 125-MHz clock reference option is enabled, the single-ended clock signal is
connected to the REFCLK+ terminal. The REFCLK terminal is connected to one side of an external
capacitor with the other side of the capacitor connected to VSS.
When using a single-ended reference clock, care must be taken to ensure interoperability from a system
jitter standpoint. The PCI Express Base Specification does not ensure interoperability when using a
differential reference clock commonly used in PC applications along with a single-ended clock in a
noncommon clock architecture. System jitter budgets will have to be verified to ensure interoperability (see
the PCI Express Jitter and BER white paper from PCI-SIG).
3.3.2
Beacon and Wake
Since the 1394b OHCI function in the XIO2221 does not support PME from D3cold, it is not necessary for
the PCIe to PCI bridge portion of the design to support beacon generation or WAKE signaling. As a result,
the XIO2221 does not implement VAUX power support.
3.3.3
Initial Flow Control Credits
The bridge flow control credits are initialized using the rules defined in the PCI Express Base
Specification. Table 3-2 identifies the initial flow control credit advertisement for the bridge.
Table 3-2. Initial Flow Control Credit Advertisements
CREDIT TYPE
INITIAL ADVERTISEMENT
Posted request headers (PH)
8
Posted request data (PD)
128
Nonposted header (NPH)
4
Nonposted data (NPD)
4
Completion header (CPLH)
0 (infinite)
Completion data (CPLD)
0 (infinite)
32
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com