Electronic Components Datasheet Search
  English  ▼

X  

XIO2221 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 28 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 24Page - Texas Instruments XIO2221 Datasheet HTML 25Page - Texas Instruments XIO2221 Datasheet HTML 26Page - Texas Instruments XIO2221 Datasheet HTML 27Page - Texas Instruments XIO2221 Datasheet HTML 28Page - Texas Instruments XIO2221 Datasheet HTML 29Page - Texas Instruments XIO2221 Datasheet HTML 30Page - Texas Instruments XIO2221 Datasheet HTML 31Page - Texas Instruments XIO2221 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 196 page
background image
PCIExpress
Transmitter
PCIExpress
Receiver
PCIBusInterface
Configurationand
MemoryRegister
GPIO
Serial
EEPROM
Reset
Controller
Clock
Generator
Power
Mgmt
1394bOHCIwith1-PortPHY
1394CablePort
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
3
Feature/Protocol Descriptions
This chapter provides a high-level overview of all significant device features. Figure 3-1 shows a simplified
block diagram of the basic architecture of the PCIe to PCI bridge with 1394b OHCI and 1-port PHY. The
top of the diagram is the PCIe interface, and the 1394b OHCI with 1-port PHY is located at the bottom of
the diagram.
Figure 3-1. XIO2221 Block Diagram
3.1
Power-Up/Power-Down Sequencing
The bridge contains both 1.5-V and 3.3-V power terminals. The following power-up and power-down
sequences describe how power is applied to these terminals.
In addition, the bridge has three resets: PERST, GRST, and an internal power-on reset. These resets are
described in Section 3.2. The following power-up and power-down sequences describe how PERST is
applied to the bridge.
The application of the PCIe reference clock (REFCLK) is important to the power-up/-down sequence and
is included in the following power-up and power-down descriptions.
28
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com