Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 71 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 71 Page - ams AG

Back Button PS081 Datasheet HTML 67Page - ams AG PS081 Datasheet HTML 68Page - ams AG PS081 Datasheet HTML 69Page - ams AG PS081 Datasheet HTML 70Page - ams AG PS081 Datasheet HTML 71Page - ams AG PS081 Datasheet HTML 72Page - ams AG PS081 Datasheet HTML 73Page - ams AG PS081 Datasheet HTML 74Page - ams AG PS081 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-14
1
PSØ81
Configuration:
lcd_spi_ena
1 =
Switch on SPI Master Mode on LCD pins
lcd_duty
2 =
It is necessary to set a duty mode to use the LCD as SPI master driver
(1 = ½ duty, 2 = 1/3 duty, 3 = ¼ duty)
lcd_directdrive
1 =
LCD supplied directly by Vcc
lcd_standby
0 =
LCD voltage generation can be switched off.
Example2:
Seg
Seg
Seg
Seg
Seg
Seg
3,6,9...
2,5,8...
1,4,7...
3,6,9...
2,5,8...
1,4,7...
if
Com1
h
e
d
then
lcd_pos
[20...18]
= 7
lcd_pos
[11...9]
= 4
lcd_pos
[2...0]
= 3
Com2
f
g
c
lcd_pos
[23...21]
= 5
lcd_pos
[14...12]
= 6
lcd_pos
[5...3]
= 2
Com3
i
a
b
**
lcd_pos
[17...15]
= 0
lcd_pos
[8...6]
= 1
lcd_pos[23...0] = 101111000110100001010011
= 0xBC6853
** Special symbols are fixed by LCD design and can not be rearranged. It has to be taken care that those segments are connected to Com3
and Seg3,6,9... Lines
4.3
Support of an External LCD Driver
PSØ81 offers the possibility to control an external LCD driver. Therefore a simplified SPI master
mode was implemented, especially adopted to Holtek HT1621 and FM µpd7225 devices.
For the SPI interface pins of the LCD driver are used. Up to 6 pins have to be used in parallel to have
enough driver power.
Connecting an external LCD driver circuit:
Figure 4.10 External LCD Driver
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com