Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 14 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 14 Page - ams AG

Back Button PS081 Datasheet HTML 10Page - ams AG PS081 Datasheet HTML 11Page - ams AG PS081 Datasheet HTML 12Page - ams AG PS081 Datasheet HTML 13Page - ams AG PS081 Datasheet HTML 14Page - ams AG PS081 Datasheet HTML 15Page - ams AG PS081 Datasheet HTML 16Page - ams AG PS081 Datasheet HTML 17Page - ams AG PS081 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
2-5
PSØ81
Figure 2.1 Non-linearity over supply voltage
Linearity PS081 vs. Supply Voltage (Best-fit strait Line)
(Comparison: 0.12µV/V = 15ppm for an AD-Converter with PGA=128)
-0,12
-0,11
-0,1
-0,09
-0,08
-0,07
-0,06
-0,05
-0,04
-0,03
-0,02
-0,01
0
0,01
0,02
0,03
0,04
0,05
0,06
0,07
0,08
0,09
0,1
0,11
0,12
0
500
1000
1500
2000
2500
3000
3500
Strain µV/V
3.0V
3.3V
3.6V
2.7V
Figure 2.2 Non-linearity over temperature
Linearity PS081 vs. Temperature (Best-fit strait Line), Vcc=3.3V
(Comparison: 0.04µV/V = 5ppm for an AD-Converter with PGA=128)
-0,04
-0,03
-0,02
-0,01
0
0,01
0,02
0,03
0,04
0
500
1000
1500
2000
2500
3000
3500
Strain µV/V
-10 C
+10 C
+ 40 C
Note:
Best linearity is achieved with a supply voltage in the range of 3.0 V to 3.6 V. The linearity also de-
pends on the setting for the cycle time. The measurements shown above are done with a cycle time
setting of cytime = 85 (equals 170 µs).
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com