Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 8 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 8 Page - ams AG

Back Button PS081 Datasheet HTML 4Page - ams AG PS081 Datasheet HTML 5Page - ams AG PS081 Datasheet HTML 6Page - ams AG PS081 Datasheet HTML 7Page - ams AG PS081 Datasheet HTML 8Page - ams AG PS081 Datasheet HTML 9Page - ams AG PS081 Datasheet HTML 10Page - ams AG PS081 Datasheet HTML 11Page - ams AG PS081 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
1-3
PSØ81
1-3
PSØ81
2K EEPROM program memory and an integ-
rated 10 kHz oscillator round off the device. A
small amount of external components is sufficient
to build a complete weighing electronic.
The part operates with a power supply from 2.1V
to 3.6V and has a very low current consumption.
As per configuration the current consumption
ranges between 0.005 mA and 0.4 mA approxi-
mately. The update rate is scalable in a wide ran-
ge from < 1 Hz up to 1000 Hz. With a maximum
of mor then 1 million internal divisons (28 bit
ENOB RMS) the resolution lies in the top range
of today’s converters. This high resolution is only
comparable to the one of high-end AD conver-
ters, but at a much lower current consumption.
Equipped with these features, a variety of scale
electronics can be served with PSØ81. On the
resolution side, it allows to build scales with up to
250,000 stable peak-peak divisons (at 2mV/V)!
On the other hand, a sophisticiated power ma-
nagement and the special features of the PICOS-
TRAIN measuring principle can reduce the total
current of the system down to 15 µA, including
the sensor current. This way, it is the first time
possible to build pure solar driven weigh scales
based on metal strain gages. Of course, the
benefits can be combined, e.g. building a high
resolution scale with a low current such as a
legal for trade scale that runs more than 1,500
operating hours with 2x AA batteries.
Throwing a glance at further features like soft-
ware adjustment of the offset and gain compen-
sation or the possibility to operate only one half
bridge reveals that the PSØ81 opens the door to
new and innovative product solutions.
1.5
Functional Block Diagram
Figure 1.1 Block Diagram
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com